Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33689DDWBR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC33689DDWBR2
Description  System Basis Chip with LIN Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33689DDWBR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33689DDWBR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33689DDWBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33689
PIN CONNECTIONS
22
RST
Reset Output
(Active LOW)
Output
5.0 V regulator and watchdog reset output pin.
23
IN
PWM Input Control
Input
External input PWM control pin for high-side switches HS1 and HS2.
26
SCLK
Serial Data Clock
Input
Clock input for the SPI of the 33689.
27
MOSI
Master Out Slave In
Input
SPI data received by the 33689.
28
MISO
Master In Slave Out
Output
SPI data sent to the MCU by the 33689. When CS is HIGH, pin is in the
high-impedance state.
29
CS
Chip Select
(Active LOW)
Input
SPI control chip select input pin.
30
INT
Interrupt Output
(Active LOW)
Output
This output pin reports faults to the MCU when an enabled interrupt
condition occurs.
31
RXD
Receiver Output
Output
Receiver output of the LIN interface and reports the state of the bus
voltage.
32
TXD
Transmitter Input
Input
Transmitter input of the LIN interface and controls the state of the bus
output.
Table 1. 33689 32-SOICW Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 19.
Pin
Pin Name
Formal Name
Pin Function
Definition


Similar Part No. - MC33689DDWBR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33689DPEW NXP-MC33689DPEW Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Motorola, Inc
MC33689DWB MOTOROLA-MC33689DWB Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
MC33689DWBR2 MOTOROLA-MC33689DWBR2 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
More results

Similar Description - MC33689DDWBR2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com