Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7104SGD5V Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP7104SGD5V
Description  T-1 (3mm) SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104SGD5V Datasheet(HTML) 2 Page - Kingbright Corporation

  WP7104SGD5V Datasheet HTML 1Page - Kingbright Corporation WP7104SGD5V Datasheet HTML 2Page - Kingbright Corporation WP7104SGD5V Datasheet HTML 3Page - Kingbright Corporation WP7104SGD5V Datasheet HTML 4Page - Kingbright Corporation WP7104SGD5V Datasheet HTML 5Page - Kingbright Corporation WP7104SGD5V Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAF2330
REV NO: V.2
DATE: MAY/23/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101008367
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1.Wavelength: +/-1nm.
Notes:
1. 2mm below package base.
2. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP7104SGD5V
Super Bright Green (GaP)
GREEN DIFFUSED
8
20
40
°
Iv (mcd) [2]
V= 5V
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Green
565
nm
VF=5V
λD [1]
Dominant Wavelength
Super Bright Green
568
nm
VF=5V
Δλ1/2
Spectral Line Half-width
Super Bright Green
30
nm
VF=5V
IF
Forward Current
Super Bright Green
11.5
17.5
mA
VF=5V
IR
Reverse Current
Super Bright Green
10
uA
VR = 5V
Parameter
Super Bright Green
Units
Power dissipation
85
mW
Forward Voltage
6
V
Reverse Voltage
5
V
Operating Temperature
-40°C To +70°C
Storage Temperature
-40°C To +85°C
Lead Solder Temperature [1]
260°C For 3 Seconds
Lead Solder Temperature [2]
260°C For 5 Seconds


Similar Part No. - WP7104SGD5V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104SGD KINGBRIGHT-WP7104SGD Datasheet
262Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Green
WP7104SGD14V KINGBRIGHT-WP7104SGD14V Datasheet
402Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - WP7104SGD5V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP132XIT KINGBRIGHT-WP132XIT_15 Datasheet
313Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10SED KINGBRIGHT-WP710A10SED_15 Datasheet
325Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SRC-J4 KINGBRIGHT-WP710A10SRC-J4_15 Datasheet
321Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SURC-E KINGBRIGHT-WP710A10SURC-E_15 Datasheet
318Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GD5V KINGBRIGHT-WP710A10GD5V_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GT KINGBRIGHT-WP710A10GT_15 Datasheet
323Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10LSRD KINGBRIGHT-WP710A10LSRD_15 Datasheet
317Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10ND KINGBRIGHT-WP710A10ND_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP7104PBD-A KINGBRIGHT-WP7104PBD-A Datasheet
149Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
WP7104SRD14V KINGBRIGHT-WP7104SRD14V Datasheet
402Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com