Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33882EP Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33882EP
Description  Six-Output Low-Side Switch with SPI and Parallel Input Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33882EP Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33882EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33882EP Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33882
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ V
DD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 17 V, -40°C ≤ TA ≤ 125°C unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Ranges
Functional Threshold (16)
Full Operation
VDD
VPWR
5.5
8.0
4.5
8.0
25
V
VDD Supply Current (All Outputs ON)
(17)
IO = 1.0 A Each
IPWR(ON)
7.5
mA
Overvoltage Shutdown (18)
VPWR(OV)
30
40
V
Overvoltage Shutdown Hysteresis (19)
VPWR(OV)HYS
0.4
1.5
V
Power-ON Reset Threshold, VDD
(20)
VPOR
2.5
3.5
V
Logic Supply Current (All Outputs ON)
VDD = 5.5 V
IDD
5.0
mA
POWER OUTPUT
Output Drain-to-Source ON Resistance
OUT0 to OUT5: TJ = 150°C, VPWR = 13.0 V, IO = 1.0 A
RDS(ON)
0.6
0.8
Output Drain-to-Source ON Resistance
OUT0 to OUT5: TJ = 25°C, VPWR = 13.0 V, IO = 1.0 A
RDS(ON)
0.4
0.6
Output Self-Limiting Current
VPWR = 13.0 V, VDD = 4.5 V, VIN = 5.0 V
IO(LIM)
3.0
6.0
A
Open Load OFF Detection (Outputs Programmed OFF)
VOFF(TH)
2.5
3.5
V
Output OFF (Open Load Detect) Drain Current (Output Pins
Programmed OFF) (21)
OUT0 to OUT5
OUT6 and OUT7
IO(OFF)
20
20
120
80
µA
Output ON (Open Load Detect) Drain Current (Output Pins Programmed
ON) (22)
20
200
mA
Output Clamp Voltage
OUT0 to OUT5: IO = 20 mA, tCLAMP = 100 µs
VOK
48
52
64
V
Output Leakage Current
VDD = VPWR = 0.5 V, VOUT = 24 V
IOLK
1.0
10
µA
Drain-to-Source Diode Forward Voltage
ISD = 1.0 mA @ 25°C
ISD = 1.0 mA @ 125°C
VSD
1.4
0.9
V


Similar Part No. - MC33882EP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Motorola, Inc
MC33882DH/R2 MOTOROLA-MC33882DH/R2 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
MC33882FC/R2 MOTOROLA-MC33882FC/R2 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882PEK NXP-MC33882PEK Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results

Similar Description - MC33882EP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Freescale Semiconductor...
33882 FREESCALE-33882_09 Datasheet
796Kb / 27P
   Six-Output Low-Side Switch
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com