Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33886VW Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC33886VW
Description  5.0 A H-Bridge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33886VW Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33886VW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33886VW Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33886
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Output Delay Time
Figure 5. Disable Delay Time
Figure 6. Output Switching Time
Figure 7. Active Current Limiting Versus Temperature (Typical)
TIME
0
5.0
0
VPWR
td(ON)
50%
90%
50%
10%
td(OFF)
∞Ω
0 V
5.0 V
0
tr
0
VPWR
90%
10%
10%
90%
tf
6.6
2.5
160
175
Thermal Shutdown
TJ, JUNCTION TEMPERATURE (
oC)
6.5


Similar Part No. - MC33886VW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886VW MOTOROLA-MC33886VW Datasheet
637Kb / 20P
   5.0 A H BRIDGE
MC33886VW/R2 MOTOROLA-MC33886VW/R2 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
MC33886VWR2 MOTOROLA-MC33886VWR2 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
More results

Similar Description - MC33886VW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com