Electronic Components Datasheet Search |
|
NRSG330M63V10X16TRF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRSG330M63V10X16TRF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 3 page 138 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 139 ® NIC COMPONENTS CORP. .niccomp. .lowESR. .RFpassives. .SMTmagnetics. NRSG Series Miniature Aluminum Electrolytic Capacitors ULTRA LOW IMPEDANCE, RADIAL LEADS, POLARIZED, ALUMINUM ELECTROLYTIC • VERY LOW IMPEDANCE • LONG LIFE AT 105°C (2000 ~ 4000 hrs.) • HIGH STABILITY AT LOW TEMPERATURE • IDEALLY FOR SWITCHING POWER SUPPLIES & CONVERTORS FEATURES CHARACTERISTICS Rated Voltage Range 6.3 ~ 100Vdc Capacitance Range 6.8 ~ 6,800µF Operating Temperature Range -40°C ~ +105°C Capacitance Tolerance ±20% (M) Maximum Leakage Current After 2 Minutes at 20°C 0.01CV or 3µA whichever is greater Max. Tan δ at 120Hz/20°C W.V. (Vdc) 6.3 10 16 25 35 50 63 100 S.V. (Vdc) 8 13 20 32 44 63 79 125 C < 1,000µF 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 C = 1,200µF 0.22 0.19 0.16 0.14 0.12 - - - C = 1,500µF 0.22 0.19 0.16 0.14 - - - - C = 1,800µF 0.22 0.19 0.16 0.14 0.12 - - - C = 2,200µF 0.24 0.21 0.18 - - - - - C = 2,700µF 0.24 0.21 0.18 0.16 - - - - C = 3,300µF 0.26 0.23 - - - - - - C = 3,900µF 0.26 0.23 0.20 - - - - - C = 4,700µF 0.28 - - - - - - - C = 5,600µF 0.30 0.27 - - - - - - C = 6,800µF 0.32 - - - - - - - Low Temperature Stability Impedance Ratio @ 120Hz Z-25°C/Z+20°C 2 Z-40°C/Z+20°C 3 Load Life Test at Rated W.V. & 105°C 2,000 Hrs. 5 ~ 6.3mm Dia. 3,000 Hrs 8mm Dia. 4,000 Hrs 10 ~ 12.5mm Dia. 5,000 Hrs 16 ~ 18mm Dia. Capacitance Change Within ±25% of initial measured value Tan δ Less than 200% of specified value Leakage Current Less than specified value NRSG 102 M 25V 10X20 TB F TB = Tape & Box* Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in µF Series Case Size (mm) RoHS Compliant PART NUMBER SYSTEM RoHS Compliant includes all homogeneous materials *See Part Number System for Details *see tape specification for details PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com |
Similar Part No. - NRSG330M63V10X16TRF |
|
Similar Description - NRSG330M63V10X16TRF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |