Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3311 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PTN3311
Description  High-speed serial logic translators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3311 Datasheet(HTML) 5 Page - NXP Semiconductors

  PTN3311 Datasheet HTML 1Page - NXP Semiconductors PTN3311 Datasheet HTML 2Page - NXP Semiconductors PTN3311 Datasheet HTML 3Page - NXP Semiconductors PTN3311 Datasheet HTML 4Page - NXP Semiconductors PTN3311 Datasheet HTML 5Page - NXP Semiconductors PTN3311 Datasheet HTML 6Page - NXP Semiconductors PTN3311 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product data
PTN3310/PTN3311
High-speed serial logic translators
2001 Jun 19
5
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General
fMAX
Maximum throughput data rate
655
800
Mbps
tS
Clock output skew, part-to-part
100
ps
tSKEW
Clock output pulse skew
50
ps
t
/t
Propagation delay input (differential) to output
1
3
ns
tPLH/tPHL
Propagation delay input (single-ended) to output
1
3
ns
PECL outputs (PTN3310)
tr/tf
Output rise and fall times at 20% and 80%
intersects
200
300
ps
LVDS outputs (PTN3311); RL = 100 Ω; CL = 5 pF
tTLH
Transition time LOW to HIGH
RL = 100 Ω; CL = 5 pF
500
650
ps
tTHL
Transition time HIGH to LOW
RL = 100 Ω; CL = 5 pF
500
650
ps
VOSS
Peak-to-peak switching offset voltage
Measured between two
matched 49.9
Ω load resistors;
5 pF load capacitance
150
mV
LVDS REFERENCE MEASUREMENT CONFIGURATION
ST00041
PTN331x
1
5
2
6
3
7
4
8
CLVDS
Rload
Rload
Vos
Voutp
Cprobe
Cprobe
Voutn
Vod = Voutp – Voutn
Rload = 50 Ohms
CLVDS = 5 pF
The above diagram shows the test set-up used when evaluating
LVDS outputs. According to the TIA-EIA-644 Standard, the
maximum lumped capacitance test load should be 5 pF. However,
by using probes or cables to observe the signal, additional
capacitance is added, which has an effect on the rise and fall times.
Cprobe represents any capacitance caused by the use of probes or
cables. Assuming balanced loading and balanced output drivers, the
total effective capacitance seen by the part is:
CEff = CLVDS + 1/2 Cprobe
To correctly account for the effects of Cprobe, the following formula
should be used:
Dt +
5pF
C
Eff
Dt
measured,
Where
∆t is the 20%–80% rise/fall time.
To avoid the use of additional calculation of the measured results, a
different approach could be taken; however, the value of Cprobe has
to be known in advance. In that case, the value of CLVDS can be
chosen such that the sum of the capacitances equals 5 pF, i.e.:
CLVDS + 1/2 Cprobe = 5 pF


Similar Part No. - PTN3311

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3311 PHILIPS-PTN3311 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3311D PHILIPS-PTN3311D Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3311DP PHILIPS-PTN3311DP Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
More results

Similar Description - PTN3311

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
logo
Maxim Integrated Produc...
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com