Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3500 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PTN3500
Description  Maintenance and control device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3500 Datasheet(HTML) 2 Page - NXP Semiconductors

  PTN3500 Datasheet HTML 1Page - NXP Semiconductors PTN3500 Datasheet HTML 2Page - NXP Semiconductors PTN3500 Datasheet HTML 3Page - NXP Semiconductors PTN3500 Datasheet HTML 4Page - NXP Semiconductors PTN3500 Datasheet HTML 5Page - NXP Semiconductors PTN3500 Datasheet HTML 6Page - NXP Semiconductors PTN3500 Datasheet HTML 7Page - NXP Semiconductors PTN3500 Datasheet HTML 8Page - NXP Semiconductors PTN3500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product specification
PTN3500
Maintenance and control device
2
2001 Jan 17
853-2226 25435
FEATURES
I2C to parallel port expander
Internal 256x8 E2PROM
Self timed write cycle (5 ms typ.)
Four byte page write operation
Controlled pull-up on address lines
Low voltage V
CC range of +2.5 V to +3.6 V
5 V – tolerant I/Os
Low standby current (< 60 µA )
Power on Reset
Supports Live Insertion
Compatible with SMBus specification version 1.1
High E2PROM endurance and data retention
Available in SO16 and TSSOP16 package options
DESCRIPTION
The PTN3500 is a general purpose maintenance and control device.
It features an on-board E2PROM that can be used to store error
codes or board manufacturing data for read–back by application
software for diagnostic purposes.
The eight quasi bidirectional data pins can be independently
assigned as inputs or outputs to monitor board level status or
activate indicator devices such as LEDs.
The PTN3500 has three address pins allowing up to 8 devices to
share the common two wire I2C software protocol serial data bus.
The PTN3500 supports live insertion to facilitate usage in removable
cards on backplane systems.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
P0
P1
P2
P3
SDA
SCL
P7
P6
P5
P4
VSS
WC
VDD
SW00541
PTN3500
Figure 1.
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1,2,3
A0:2
Address Lines
4,5,6,7
P0:3
Quasi–bidirectional i/o pins
8
VSS
Supply Ground
9,10,11,12
P4:7
Quasi–bidirectional i/o pins
13
WC
Write Control Pin. Should be
tied LOW.
14
SCL
I2C Serial Clock
15
SDA
I2C Serial Data
16
VDD
Supply Voltage
ORDERING INFORMATION
Type n mber
Package
Type number
Name
Description
Version
PTN3500D
SO16
Plastic small-outline package; 16 leads; body width 7.5 mm
SOT162-1
PTN3500DH
TSSOP16
Plastic thin shrink small-outline package; 16 leads; body width 4.4 mm
SOT403-1
FUNCTIONAL DIAGRAM
WC
SCL
SDA
A2:0
I2C
Control
E2PROM
256 x 8
8-Bit
I/O
Port
P7:0
SW00562
Figure 2.


Similar Part No. - PTN3500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
PTN3501DH PHILIPS-PTN3501DH Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
More results

Similar Description - PTN3500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
   Installation, Operation and Maintenance Procedures
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
   Windows-compatible software control and device programming
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
73616 ETC2-73616 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
15006 ETC2-15006 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com