Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3500D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PTN3500D
Description  Maintenance and control device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3500D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PTN3500D Datasheet HTML 2Page - NXP Semiconductors PTN3500D Datasheet HTML 3Page - NXP Semiconductors PTN3500D Datasheet HTML 4Page - NXP Semiconductors PTN3500D Datasheet HTML 5Page - NXP Semiconductors PTN3500D Datasheet HTML 6Page - NXP Semiconductors PTN3500D Datasheet HTML 7Page - NXP Semiconductors PTN3500D Datasheet HTML 8Page - NXP Semiconductors PTN3500D Datasheet HTML 9Page - NXP Semiconductors PTN3500D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
Product specification
PTN3500
Maintenance and control device
2001 Jan 17
6
Quasi-bidirectional I/Os (see Figure 11)
A quasi-bidirectional I/O can be used as an input or output without the use of a control signal for data direction. At power-on the I/Os are HIGH.
In this mode, only a current source to VDD is active. An additional strong pull-up to VDD allows fast rising edges into heavily loaded outputs.
These devices turn on when an output is written HIGH, and are switched off by the negative edge of SCL. The I/Os should be HIGH before
being used as inputs.
S
0
1
0
0
A2
A1
A0
0
A
A
A
SDA
SCL
12
34
5
6
7
8
SW00757
ACKNOWLEDGE
FROM SLAVE
R/W
START CONDITION
ACKNOWLEDGE
FROM SLAVE
SLAVE ADDRESS (PTN3500)
DATA TO PORT
DATA TO PORT
1
P3
0
P3
P
P3
OUTPUT
VOLTAGE
P3
PULL-UP
OUTPUT
CURRENT
IOHt
IOH
Figure 11. Transient pull-up current IOHt while P3 changes from LOW-to-HIGH and back to LOW
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tpv
Output data valid; CL ≤ 100 pF
4
µs
tps
Input data setup time; CL ≤ 100 pF
0
µs
tph
Input data hold time; CL ≤ 100 pF
4
µs


Similar Part No. - PTN3500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
PTN3501DH PHILIPS-PTN3501DH Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
More results

Similar Description - PTN3500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
   Installation, Operation and Maintenance Procedures
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
   Windows-compatible software control and device programming
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
73616 ETC2-73616 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
15006 ETC2-15006 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com