Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33888FBR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC33888FBR2
Description  Quad High-Side and Octal Low-Side Switch for Automotive
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33888FBR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33888FBR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33888FBR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33888
ELECTRICAL CONNECTIONS
MAXIMUM RATINGS
ELECTRICAL CONNECTIONS
MAXIMUM RATINGS
Table 4. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Steady State
VPWR
-16 to 41
V
Input Pin Voltage (1)
VIN
-0.3 to 7.0
V
WAKE Input Pin Clamp Current
IWICI
2.5
mA
Continuous per Output Current (2)
Low-Sides 4, 6, 8, 10
Low-Sides 5, 7, 9, 11
IOUTLS
500
800
mA
Continuous per Output Current (3)
High-Sides 0, 1
High-Sides 2, 3
IOUTHS
10
5.0
A
Output Clamp Energy
High-Sides 0, 1 (4)
High-Sides 2, 3 (5)
Low-Sides (6)
EHS
EHS
ELS
450
120
50
mJ
ESD Voltage (7)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
Notes
1.
Exceeding voltage limits on SCLK, SI, CS, WDIN, RST, IHS, FSI, or ILS pins may cause a malfunction or permanent damage to the
device.
2.
Continuous low-side output current rating so long as maximum junction temperature is not exceeded. Operation at 125°C ambient
temperature will require calculation of maximum output current using package thermal resistance.
3.
Continuous high-side output current rating so long as maximum junction temperature is not exceeded. Operation at 125°C ambient
temperature will require calculation of maximum output current using package thermal resistance.
4.
Active HS0 and HS1 clamp energy using the following conditions: single nonrepetitive pulse, VPWR = 16.0 V, L = 40 mH, TJ = 150°C.
5.
Active HS2 and HS3 clamp energy using the following conditions: single nonrepetitive pulse, VPWR = 16.0 V, L = 10 mH, TJ = 150°C.
6.
Active low-side clamp energy using the following conditions: single nonrepetitive pulse, 450 mA, TJ = 150°C.
7.
ESD1 testing is performed in accordance with the Human Body Model (CZAP =100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP= 0 Ω).


Similar Part No. - MC33888FBR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33888FBR2 MOTOROLA-MC33888FBR2 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
More results

Similar Description - MC33888FBR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33888FB MOTOROLA-MC33888FB Datasheet
711Kb / 18P
   Quad High Side and Octal Low Side Switch for Automotive
MC33888 MOTOROLA-MC33888 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33293A MOTOROLA-MC33293A Datasheet
239Kb / 16P
   QUAD LOW SIDE SWITCH
logo
Infineon Technologies A...
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
   Smart Octal Low-Side Switch
V1.1 Oct. 2003
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
   Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
   Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
   Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com