Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N914W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N914W
Description  400mW 100 Volt Small Signal Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N914W Datasheet(HTML) 1 Page - Micro Commercial Components

  1N914W Datasheet HTML 1Page - Micro Commercial Components 1N914W Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N914W
400mW 100 Volt
Small Signal
Diodes
Features
Low Current Leakage
Case Material: Molded Plastic. UL Flammability
Maximum Ratings
Operating Temperature: 150℃
Storage Temperature: -55℃ to +150℃
Maximum Thermal Resistance; 312℃/W Junction To Ambient
Electrical Characteristics @ 25OC Unless Otherwise Specified
Reverse Voltage
VR
75V
100V
IR=5µA
IR=100µA
Peak Reverse
Voltage
VRM
100V
Average Rectified
Forward Current
IF(AV)
200mA
Resistive Load
f > 50Hz
Power Dissipation
PD
400mW
Non-repetitive Peak
Forward Surge
Current
IFSM
1.0A
2.0A
Pulse Width=1.0s
Pulse Width=1.0µs
Forward Voltage
VF
1.0V
IF=10mA
Reverse Current
IR
25nA
50µA
0.5µA
VR=20V
VR=20V, TJ=150℃
VR=75V,
Total Capacitance
CJ
4.0pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
50nS
IF=IR=10mA
IRR = 3mA
RL=100 OHM
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: 2
2006/05/13
SOD-123
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
---
.053
---
1.35
E
.012
.031
0.30
0.78
G
.006
---
0.15
---
H
---
.010
---
0.25
J
---
.006
---
0.15
A
B
E
C
J
D
H
G
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
TM
Micro Commercial Components
Classification Rating 94V-0
Marking : 5D
1 of 2


Similar Part No. - 1N914W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N914W SEMTECH_ELEC-1N914W Datasheet
239Kb / 2P
   Surface Mount Switching Diode
logo
Surge Components
1N914W SURGE-1N914W Datasheet
1Mb / 3P
   Silicin Epitaxial Planar Switching Diode
logo
SUNMATE electronic Co.,...
1N914W SUNMATE-1N914W Datasheet
793Kb / 1P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Zibo Seno Electronic En...
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Continental Device Indi...
1N914WS CDIL-1N914WS Datasheet
64Kb / 3P
   SILICON EPITAXIAL SWITCHING DIODE
More results

Similar Description - 1N914W

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
   Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
   Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
   SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
   Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
   SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
   Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
   Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
   Small Signal Diodes
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
   SMALL SIGNAL DIODES
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
   SMALL SIGNAL DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com