Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4004H-T Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N4004H-T
Description  1 Amp Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4004H-T Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4004H-T Datasheet HTML 1Page - Micro Commercial Components 1N4004H-T Datasheet HTML 2Page - Micro Commercial Components 1N4004H-T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4001
H-T thru 1N4007H-T
1
100
4
0
10
5
20
30
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
TA=150
°C
www.mccsemi.com
MCC
Revision: 2
2004/03/30
TM
Micro Commercial Components


Similar Part No. - 1N4004H-T

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
1N4004HW FUTUREWAFER-1N4004HW Datasheet
912Kb / 5P
   1 A General Purpose Rectifier Diode
More results

Similar Description - 1N4004H-T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_11 Datasheet
180Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4007-BP MCC-1N4007-BP Datasheet
226Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_11 Datasheet
243Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4001 YFWDIODE-1N4001 Datasheet
409Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
RL101GP MCC-RL101GP_16 Datasheet
207Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_11 Datasheet
245Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101 Datasheet
78Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_13 Datasheet
317Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001_15 Datasheet
203Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001 Datasheet
86Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com