Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLM153M250VF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLM153M250VF
Description  Large Can Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLM153M250VF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLM153M250VF Datasheet HTML 1Page - NIC-Components Corp. NRLM153M250VF Datasheet HTML 2Page - NIC-Components Corp. NRLM153M250VF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
145
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
NRLM Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLM 222 M 50V 20X25 F
RoHS compliant
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
16
6,800
20x25
0.098
0.083
3.15
3.62
8,200
20x30
0.081
0.069
3.47
3.99
10,000
20x35
0.075
0.063
3.78
4.35
22x30
25x25
15,000
20x40
0.053
0.045
5.26
6.05
22x35
25x30
22,000
22x45
0.038
0.032
6.10
7.02
25x35
30x30
33,000
25x50
0.025
0.021
6.84
7.87
30x40
35x30
47,000
30x50
0.021
0.019
7.47
8.59
35x50
68,000
35x50
0.018
0.017
9.05
10.41
25
4,700
20x25
0.113
0.090
3.05
3.51
6,800
22x30
0.078
0.062
3.47
3.99
25x25
8,200
22x30
0.065
0.052
3.57
4.11
25.x25
10,000
22x35
0.058
0.046
3.78
4.35
25x30
30x25
15,000
22x50
0.039
0.031
4.63
5.32
25x40
30x30
22,000
25x50
0.029
0.023
6.10
7.02
30x40
33,000
30x50
0.020
0.017
6.84
7.87
35x40
47,000
35x50
0.017
0.015
8.00
9.20
35
2,200
22x25
0.181
0.136
1.40
1.61
3,300
20x25
0.111
0.083
2.73
3.14
4,700
20x35
0.078
0.058
3.26
3.75
22x30
25x25
6,800
22x35
0.066
0.049
3.68
4.23
25x30
8,200
25x35
0.057
0.042
4.00
4.60
10,000
22x45
0.050
0.037
4.42
5.08
25x40
30x30
35x25
15,000
25x50
0.036
0.027
5.57
6.41
30x40
35x30
22,000
30x50
0.026
0.020
6.10
7.02
35x40
33,000
35x50
0.018
0.014
7.15
8.22
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
50
2,200
20x25
0.151
0.113
2.26
2.60
3,300
22x30
0.100
0.075
2.73
3.14
25x25
4,700
25x30
0.071
0.053
3.03
3.48
30x25
6,800
25x40
0.049
0.037
3.85
4.43
30x30
8,200
25x45
0.040
0.030
4.41
5.07
30x35
10,000
25x50
0.036
0.027
4.97
5.72
30x40
35x30
15,000
30x50
0.028
0.021
6.44
7.41
35x40
22,000
35x50
0.021
0.017
7.57
8.71
1,000
22x25
0.381
0.286
1.20
1.38
2,200
20x35
0.151
0.113
2.52
2.90
22x30
25x25
3,300
22x40
0.105
0.079
4.10
4.72
25x30
30x25
4,700
22x50
0.081
0.061
4.86
5.59
25x40
30x30
35x25
6,800
25x50
0.061
0.046
5.84
6.72
30x40
35x30
8,200
30x45
0.051
0.046
6.00
6.90
35x35
10,000
35x40
0.041
0.033
6.52
7.50
12,000
35x50
0.035
0.028
7.15
8.22
80
1,500
20x35
0.177
0.133
2.26
2.60
22x30
25x25
2,200
22x40
0.121
0.090
2.73
3.14
25x30
30x25
3,300
22x50
0.085
0.064
3.21
3.69
25x40
30x30
4,700
25x50
0.063
0.048
4.09
4.70
30x40
6,800
30x50
0.046
0.035
5.16
5.93
35x40
8,200
35x50
0.038
0.029
5.83
6.70
100
1,000
20x35
0.216
0.140
1.96
2.25
22x30
25x25
1,500
22x40
0.155
0.101
2.57
2.96
25x30
30x25
2,200
25x40
0.121
0.078
3.14
3.61
30x30
3,300
25x50
0.090
0.059
4.06
4.67
30x40
4,700
30x50
0.071
0.049
5.13
5.90
35x40
6,800
35x50
0.049
0.037
6.60
7.59


Similar Part No. - NRLM153M250VF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLM153M25V22X50F NIC-NRLM153M25V22X50F Datasheet
103Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M25V25X40F NIC-NRLM153M25V25X40F Datasheet
103Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M25V30X30F NIC-NRLM153M25V30X30F Datasheet
103Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLM153M250VF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com