Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34652 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34652
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DISABLE INPUT CONTROL PIN (DISABLE) (12)
DISABLE Input Voltage
Inactive State
Active State, Positive Signal
Active State, Negative Signal
VDISL
VDISHP
VDISHN
VPWR - 1.2
VPWR + 2.0
VPWR + 1.2
VPWR - 2.0
V
DISABLE Input Current
VDIS = VPWR + 3.3 V
VDIS = VPWR - 3.3 V
VDIS = VIN
IDIS
20
-20
-50
60
-60
-150
180
-180
-250
µA
CURRENT LIMIT CONTROL PINS (ILIM, ICHG)
Overcurrent Limit in Steady State
Default
Maximum with External Resistor
Minimum with External Resistor
ILIM
1.0
2.25
0.35
A
Current Limit During Start-Up
Default
Maximum with External Resistor
Minimum with External Resistor
ICHG
0.1
0.5
0.05
A
Short Circuit Current Limit
ISHORT
5.0
A
ILIM Current Limit Hysteresis
ILIMHY
12
%
ILIM Current Limit Accuracy
ILIMCLA
-20
20
%
ICHG Current Limit Accuracy
ICHGCLA
-35
35
%
ILIM Pin Voltage
VILIM
3.1
V
ILIM to RILIM Setting Constant
ILIMCNS
129
A * kΩ
ICHG Reference Current
ICHGOUT
-8.0
µA
ICHG to RICHG Setting Constant
ICHGCNS
335
k
Ω/A
POWER GOOD OUTPUT PINS (PG, PG) (13)
Power Good Output Low Voltage
IPG or IPG = 1.6 mA
VPGL
0.5
V
Power Good Leakage Current
IPGLG
10
µA
Power Good Current Limit
VPG or VPG = 3.0 V
IPGCL
7.0
mA
Notes
12.
Referenced to VPWR.
13.
Referenced to VIN.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 15 V VPWR 80 V and -40°C TA 85°C. All voltages are referenced to VIN unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 34652

ManufacturerPart #DatasheetDescription
logo
Heyco.
3465 HEYCO-3465 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Freescale Semiconductor...
34653 FREESCALE-34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
More results

Similar Description - 34652

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34652 FREESCALE-MC34652 Datasheet
1Mb / 25P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
34653 FREESCALE-34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com