Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34710 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34710
Description  Dual Output DC-DC & Linear Regulator IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34710 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34710 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34710
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V ≤ VIO 5.25 V, 13 V VB+ 32 V, and 0°C TJ 105°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SWITCHING REGULATOR (VI/O, MODE0)
Logic Supply Voltage (IVI/O = 25 to 700 mA)
Mode0 = 0
Mode0 = Open (floating)
VI/O
4.8
3.15
5.0
3.25
5.2
3.45
V
Output On Resistance
VB+ = 13 V to 32 V
RDS(ON)
0.5
1.0
2.0
Soft Start Threshold Voltage
Mode0 = any
VI/O(SOFT)
2.5
3.1
V
Current Limit Threshold (TJ = 25°C to 100°C)
Normal Operation
Soft Start, VI/O ≤ 2.5 V
ILIMIT(OP)
ILIMIT(SOFT)
1.9
1.0
2.4
2.9
1.9
A
Minimum Voltage Allowable on VSWITCH Terminal
TJ = 25°C to 100°C
VVSWITCH(MIN)
-0.5
V
LINEAR REGULATOR (VCORE, MODE 1, 2, 3, 4)
Supply Voltage (IVCORE = 5.0 mA) (10)
Mode2=Low, Mode1=Don’t Care, Mode0=Low
Mode2=Low, Mode1=Don’t Care, Mode0=Open
Mode2=Open, Mode1=Don’t Care, Mode0=Low
Mode2=Open, Mode1=Don’t Care, Mode0=Open
VCORE(NOM)
3.15
2.45
1.7
1.425
3.3
2.5
1.8
1.5
3.45
2.75
2.05
1.575
V
Supply Voltage (IVCORE = 500 mA) (10)
Mode2=Low, Mode1=Don’t Care, Mode0=Low
Mode2=Low, Mode1=Don’t Care, Mode0=Open
Mode2=Open, Mode1=Don’t Care, Mode0=Low
Mode2=Open, Mode1=Don’t Care, Mode0=Open
VCORE(NOM)
3.0
2.2
1.55
1.33
3.4
2.6
1.9
1.53
V
VCORE Dropout Voltage
VCORE = VCORE(NOM), IVCORE = 0.5 A
IVCORE(DROPOUT)
0.5
0.8
V
Normal Current Limit Threshold
TJ = 25°C to 100°C, VLINB+ = VCORE(NOM) + 1.0 V
ILIMIT
600
800
1000
mA
Notes
10. Refer to Table 2, page 9.


Similar Part No. - 34710

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
34710 MOTOROLA-34710 Datasheet
518Kb / 16P
   Adjustable Dual Output Switching Power Supply
logo
ITT Industries
347100000 ITT-347100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
347100001 ITT-347100001 Datasheet
671Kb / 8P
   Thumbwheel Switches
347100002 ITT-347100002 Datasheet
671Kb / 8P
   Thumbwheel Switches
347100003 ITT-347100003 Datasheet
671Kb / 8P
   Thumbwheel Switches
More results

Similar Description - 34710

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
logo
Fairchild Semiconductor
FSAR001 FAIRCHILD-FSAR001 Datasheet
498Kb / 12P
   AC-DC Linear Regulator
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
logo
Toshiba Semiconductor
TB7110F TOSHIBA-TB7110F Datasheet
497Kb / 18P
   Buck DC-DC Converter IC媛딺eries Regulator IC
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
   Dual Synchronous DC/DC Regulator
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
   Dual-Output ( and -) DC-DC
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com