Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34921AER2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC34921AER2
Description  Configurable Motor Driver IC with Power Supplies
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34921AER2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34921AER2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34921
STATIC ELECTRICAL CHARACTERISTICS
Supervisor Circuitry
Minimum Function B+ for Charge Pump, Oscillator Up
Reset/Fault Registers Valid (10)
B+
9.0
V
Minimum Function V5.0 for RST Operational
RST
VOL ≤ 0.05 V @ 1.0 mA
(10)
V5.0 RST
2.0
V
Minimum Function V3.3 for RST Operational
RST
VOL ≤ 0.05 V @ 1.0 mA
(10)
V3.3 RST
2.0
V
RST
Low Voltage (11)
IRST ≤ 5.0 mA
VOL
0.1
0.25
V
RST
V5.0 Threshold
V5.0 Rising
V5.0 Falling
V5.0 t+
V5.0 t
4.5
4.65
4.6
4.75
4.70
V
RST
Hysteresis for V5.0
VHYSV5.0
10
50
mV
RST
V3.3 Threshold
V3.3 Rising
V3.3 Falling
V3.3t+
V3.3t
2.8
2.9
2.9
3.15
3.0
V
RST
Hysteresis for V3.3
VHYS_3.3
10
15
mV
RST
VCORE Threshold
VCORE Falling
VCORE
85
86
90
%VCORE_
NOM
RST
Hysteresis for VCORE
VHYS CORE
10
mV
Overtemperature Junction Temperature(12)
TJ Rising
TJ(OVER)
140
°C
Overtemperature Hysteresis(12)
TJ Falling
TJ(HYS)
10
30
°C
Thermal Warning (12)
TW
TJ -30
TJ -20
°C
B+ Undervoltage Threshold to Assert RST
V5.0 = +5.0 V, B+ Falling
B+(FAULT)
12
12.75
13.5
V
B+ Undervoltage Threshold Hysteresis(13)
B+FAULT(HYS)
1.0
1.5
2.0
V
Minimum B+ Necessary to Clear B+ Fault
V5.0 = +5.0 V, B+ Rising
B+RECOVERY
15.25
V
Notes
10.
If any of these conditions for this not is true, then RST is activated until all operating conditions are met.
11.
The RST terminal uses an external pull-up, which may be to 5.0 V or 3.3 V.
12.
Guaranteed by design.
13.
Alternately, the minimum B+ fault threshold voltage must not be lower than 12 V, and the B+ fault clear voltage must not be higher than
15.25 V. The hysteresis may be greater than 2.0 V if this requirement is met.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 16 V B+ 34 V, 0
°C TA 70°C, and 0°C TJ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34921AER2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34921AE ETC-MC34921AE Datasheet
603Kb / 36P
   Configurable Motor Driver IC with Power Supplies
More results

Similar Description - MC34921AER2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34921 ETC-MC34921 Datasheet
603Kb / 36P
   Configurable Motor Driver IC with Power Supplies
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com