Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34923 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34923
Description  Full-Bridge PWM Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34923 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34923 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
34923
7
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions TA = 25°C, VBB = 45 V, VDD = 5.0 V, VSENSE = 0.5 V, and fPWM < 50 kHz unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CONTROL LOGIC
OSC Input Frequency (Operating)
fOSC
2.9–6.1
MHz
OSC Input Duty Cycle (Operating)
dcOSC
40
60
%
Propagation Delay Times
PWM Change to Source ON
PWM Change to Source OFF
PWM Change to Sink ON
PWM Change to Sink OFF
Direction Change to Sink ON
Direction Change to Sink OFF
Direction Change to Source ON
Direction Change to Source OFF
tpd
600
100
600
100
600
100
600
100
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 34923

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34923 FESTO-34923 Datasheet
90Kb / 1P
   Pneumatic valve
logo
Keysight Technologies
34923A KEYSIGHT-34923A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34923T KEYSIGHT-34923T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34923

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com