Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145011 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC145011
Description  Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145011 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC145011 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145011 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Sensors
Freescale Semiconductor
9
MC145011
Figure 8. Typical Application
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TEST
LOW-SUPPLY
TRIP
VSS
R1
OSC
LED
FEEDBACK
SILVER
VDD
IRED
I/O
BRASS
STROBE
DETECT
C1
C2
Horn
X1
To Other
MC145011(S),
Escape Light (S),
Auxiliary Alarm (S),
Remote Alarm (S),
And/or Auto-dialer
IR
Current
R13*
4.7 TO 22
Q1
2.2 M
R5
D3
Visible
LED
R7
47 k
R6
100 k
SW1
+
+
MC145011
Push button
Test
R2
10 M
0.01
µF
C6
C3
1500 pF
R1
100 k
R3
470
R4
100 k
1 TO 22
µF
C4**
C1
0.047
µF
C2*
4700 pF
R14
560
R11 250 k
D1
IR DETECTOR
R8
8.2 k
R9
5 k
R10
4.7 k
D2
IR Emitter
R12
1 k
C5
100
µF
Values for R4, R5, and C6 may differ depending on type of piezoelectric horn used.
* C2 and R13 are used for coarse sensitivity adjustment. Typical values are shown.
† R9 is for fine sensitivity adjustment (optional). If fixed resistors are used, R8 = 12 k, R10 is 5.6 k to 10 k, and R9 is eliminated. When R9 is used, noise
pickup is increased due to antenna effects. Shielding may be required.
** C4 should be 22
µF if B1 is a carbon battery. C4 could be reduced to 1 µF when an alkaline battery is used.
V+


Similar Part No. - MC145011

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010DW FREESCALE-MC145010DW Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010ED FREESCALE-MC145010ED Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010P FREESCALE-MC145010P Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Similar Description - MC145011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14470 MOTOROLA-MC14470 Datasheet
159Kb / 5P
   Ionization Smoke Detector with I/O For Line-Powered Applications
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com