Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101KD10NX Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 101KD10NX
Description  6 to 680 Volts Varistor 2.0 to 124.0 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

101KD10NX Datasheet(HTML) 3 Page - Micro Commercial Components

  101KD10NX Datasheet HTML 1Page - Micro Commercial Components 101KD10NX Datasheet HTML 2Page - Micro Commercial Components 101KD10NX Datasheet HTML 3Page - Micro Commercial Components 101KD10NX Datasheet HTML 4Page - Micro Commercial Components 101KD10NX Datasheet HTML 5Page - Micro Commercial Components 101KD10NX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
5
70
50
2000
40
30
Max.
Leakage Current
Max.
Clamping Voltage
Test current waveform
10
-6 to 10-3 A: Direct current
10
-1 to 10-4 A: 8/20
µs
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
A
V-I Curve (820K to 561K)
V
100
90
80
60
700
900
500
400
300
200
800
600
1000
561KD10
511KD10
471KD10
431KD10
391KD10
361KD10
301KD10
271KD10
241KD10
221KD10
201KD10
181KD10
151KD10
121KD10
101KD10
820KD10
331KD10
90
70
6
9
10
5
80
60
50
20
400
300
200
150
100
Max.
Leakage Current
Max.
Clamping Voltage
Test current waveform
10
-6 to 10-3 A: Direct current
10
-1 to 104 A: 8/20
µs
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
A
V-I Curve (180L to 680K)
V
680KD10
560KD10
470KD10
390KD10
330KD10
270KD10
220KD10
180LD10
680KD10
560KD10
470KD10
390KD10
330KD10
270KD10
220KD10
180LD10
10
5
112KD10NX thru 120MD10NX
MCC
Revision: 2
2006/09/09
TM
Micro Commercial Components
www.mccsemi.com
3 of 6


Similar Part No. - 101KD10NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
101KD10JX MCC-101KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
More results

Similar Description - 101KD10NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com