Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511KD20JX Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 511KD20JX
Description  11 to 1000 Volts Varistor 13 to 1020 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

511KD20JX Datasheet(HTML) 1 Page - Micro Commercial Components

  511KD20JX Datasheet HTML 1Page - Micro Commercial Components 511KD20JX Datasheet HTML 2Page - Micro Commercial Components 511KD20JX Datasheet HTML 3Page - Micro Commercial Components 511KD20JX Datasheet HTML 4Page - Micro Commercial Components 511KD20JX Datasheet HTML 5Page - Micro Commercial Components 511KD20JX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
182KD20JX*
thru
180LD20JX*
11 to 1000 Volts
Varistor
13 to 1020 Joule
Features
High Surge, High Energy
Designed to be Operated Continuously Across AC Power Lines
No Derating Up to 85
Ambient
Available in Tape and Reel or Bulk Pack
Maximum Ratings
Operating Ambient Temperature Range: -55
to +85
Storage Temperature Range: -55
to +125
Temperature Coefficient (
V) of Clamping Voltage (VC) at
Specified Test Current:<0.05%/
Varistor voltage temperature coefficient:
CURRENT, ENERGY AND POWER DERATING
CURVE
-55
160
60
80
100
120
0
20
40
60
AMBIENT TEMPERATURE (
°C)
PERCENT OF RATED VALUE
140
80
100
120
UL Recognized File # E306895(UL1449) and E306942(UL1414)
Note :
'X' can be S, C, I or Y .
* 'S' denotes straight lead
'C' denotes out crimped lead
'I' denotes inner crimped lead
'Y' denotes kink lead
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Revision: 2
2006/09/09
Vb at 25
- Vb at 85
1
Vb at 25
60
x
x(100/
)
L: 20mm Min.
Size
D max
0.05
1.0
Lead
All
S
C/I/Y
All
All
05D
7.5
11
13
0.6
5
07D
9
13
15
0.6
5
0.6
5
0.8
7.5
0.8
7.5
110
0.8
7.5
110
2
2
23
19.5
DIMENSIONS
Unit: mm
H max
20D
23
2
8
30
10D
12.5
18
14D
16.5
www.mccsemi.com
1 of 6


Similar Part No. - 511KD20JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
511KD20NX MCC-511KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
More results

Similar Description - 511KD20JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com