Electronic Components Datasheet Search |
|
NRWS2R2M35V18X36F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRWS2R2M35V18X36F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 72 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 73 ® NIC COMPONENTS CORP. .niccomp. .lowESR. .RFpassives. .SMTmagnetics. Miniature Aluminum Electrolytic Capacitors RADIAL LEADS, POLARIZED, NEW FURTHER REDUCED CASE SIZING, FROM NRWA WIDE TEMPERATURE RANGE NRWS Series CHARACTERISTICS Note: Capacitors shall conform to JIS-C-5141, unless otherwise specified here. *1. Add 0.5 every 1000µF for more than 1000µF *2. Add 1.0 every 1000µF for more than 1000µF MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105°C) MAXIMUM IMPENDANCE (Ω AT 100KHz AND 20OC) EXTENDED TEMPERATURE NRWA NRWS (today’s standard) (reduced sizes) NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS NRWA NRWS RoHS Compliant includes all homogeneous materials *See Part Number System for Details Rated Voltage Range 6.3 ~ 100VDC Capacitance Range 0.1 ~ 15,000µF Operating Temperature Range -55°C ~ +105°C Capacitance Tolerance ±20% (M) Maximum Leakage Current @ +20°c After 1 min. 0.03CV or 4µA whichever is greater After 2 min. 0.01CV or 3µA whichever is greater Max. Tan δ at 120Hz/20°C W.V. (Vdc) 6.3 10 16 25 35 50 63 100 S.V. (Vdc) 8 13 20 32 44 63 79 125 C < 1,000µF 0.28 0.24 0.20 0.16 0.14 0.12 0.10 0.08 C = 2,200µF 0.30 0.26 0.22 0.18 0.16 0.14 - - C = 3,300µF 0.32 0.28 0.24 0.20 0.18 0.16 - - C = 4,700µF 0.34 0.30 0.26 0.22 0.20 - - - C = 6,800µF 0.36 0.32 0.28 0.24 - - - - C = 10,000µF 0.38 0.34 0.30 - - - - - C = 15,000µF 0.56 0.52 - - - - - - Low Temperature Stability Impedance Ratio @ 120Hz Z-25°C/Z+20°C 5 4 3 2 2 2 2 2 Z-40°C/Z+20°C 12 10 8 5 4 4 4 4 Load Life Test at +105°C & Rated W.V 2,000 Hours: 16V ~ 100V D> 10φ 1,000 Hours: All others ∆ Capacitance Within ±20% of initial measured value ∆ Tan δ Less than 200% of specified value ∆ LC Less than specified value Shelf Life Test +105°C 1,000 Hours No Load ∆ Capacitance Within ±20% of initial measured value ∆ Tan δ Less than 200% of specified value ∆ LC Less than specified value Cap. (µF) Working Voltage (Vdc) 6.3 10 16 25 35 50 63 100 0.1 - - - - - 10 - - 0.22 - - - - - 10 - - 0.33 - - - - - 10 - - 0.47 - - - - - 20 15 - 1.0 - - - - - 30 30 - 2.2 - - - - - 40 42 - 3.3 - - - - - 50 58 - 4.7 - - - - - 80 64 - 10 - - - - - 90 90 - 22 - - - - - 110 140 235 33 - - - - 120 120 200 300 47 - - - 150 140 180 240 330 100 - 150 150 240 180 310 300 450 220 160 240 240 3780 360 500 520 700 330 240 250 370 400 580 650 765 950 470 250 370 450 560 650 800 960 1100 1,000 450 560 760 900 900 1100 1100 - 2,200 760 900 1100 1320 1400 1650 - - 3,300 900 1100 1320 1600 1800 2000 - - 4,700 1100 1420 1600 1900 2000 - - - 6,800 1420 1700 1900 2200 - - - - 10,000 1700 1950 2300 - - - - - 15,000 2100 2400 - - - - - - Cap. (µF) Working Voltage (Vdc) 6.3 10 16 25 35 50 63 100 0.1 - - - - - 30 - - 0.22 - - - - - 20 - - 0.33 - - - - - 15 - - 0.47 - - - - - 10 15 - 1.0 - - - - - 7.0 10.5 - 2.2 - - - - - 5.5 8.3 - 3.3 - - - - - 4.0 6.0 - 4.7 - - - - - 2.80 4.20 - 10 - - - - - 2.30 2.80 - 22 - - - - - 2.20 2.40 0.83 33 - - - - 2.10 2.10 1.40 0.60 47 - - - 1.40 2.10 1.10 1.30 0.39 100 - 1.40 1.40 0.60 1.10 310 300 450 220 1.40 0.58 0.55 0.39 0.46 0.30 0.22 0.15 330 0.58 0.55 0.35 0.34 0.26 0.20 0.17 0.09 470 0.55 0.39 0.28 0.17 0.18 0.13 0.14 0.085 1,000 0.26 0.16 0.13 0.10 0.11 0.10 0.065 - 2,200 0.12 0.10 0.075 0.062 0.056 0.055 - - 3,300 0.10 0.074 0.054 0.043 0.038 0.035 - - 4,700 0.072 0.054 0.043 0.035 0.035 - - - 6,800 0.054 0.043 0.035 0.028 - - - - 10,000 0.043 0.035 0.028 - - - - - 15,000 0.032 0.028 - - - - - - |
Similar Part No. - NRWS2R2M35V18X36F |
|
Similar Description - NRWS2R2M35V18X36F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |