Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

621KD05JX Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 621KD05JX
Description  11 to 460 Volts Varistor 0.7 to 29 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

621KD05JX Datasheet(HTML) 2 Page - Micro Commercial Components

  621KD05JX Datasheet HTML 1Page - Micro Commercial Components 621KD05JX Datasheet HTML 2Page - Micro Commercial Components 621KD05JX Datasheet HTML 3Page - Micro Commercial Components 621KD05JX Datasheet HTML 4Page - Micro Commercial Components 621KD05JX Datasheet HTML 5Page - Micro Commercial Components 621KD05JX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics @ 25OC Unless Otherwise Noted
*680K-180L Max. Clamping Voltage testing current 1A
Revision: 2
2006/09/09
MCC
751KD05JX thru 180LD05JX
(V)
(V)
(J)
(V)
(V)
751KD05JX
460
615
29.0
750(675-825)
1290
681KD05JX
420
560
28.0
680(612-748)
1150
621KD05JX
385
505
27.0
620(558-682)
1050
561KD05JX
350
460
25.0
560(504-616)
940
511KD05JX
320
418
22.0
510(459-561)
880
471KD05JX
300
385
21.0
470(423-517)
810
431KD05JX
275
350
20.0
430(387-473)
745
391KD05JX
250
320
17.0
390(351-429)
675
361KD05 JX
230
300
16.0
360(324-396)
620
331KD05J X
210
275
13.0
330(297-363)
575
301KD05JX
195
250
12.0
300(270-330)
525
271KD05JX
175
225
11.0
270(243-297)
475
241KD05JX
150
200
10.5
240(216-264)
415
221KD05JX
140
180
9.0
220(198-242)
380
201KD05JX
130
170
8.5
220(180-220)
355
181KD05JX
115
150
8.0
180(162-198)
320
151KD05JX
95
125
6.5
150(135-165)
260
121KD05JX
75
100
5.5
120(108-132)
210
101KD05JX
60
85
4.5
100(90-110)
175
820KD05JX
50
65
3.5
82(74-90)
145
680KD05JX
40
56
2.6
68(61-75)
*150
560KD05JX
35
45
2.2
56(50-62)
*123
470KD05JX
30
38
1.8
47(42-52)
*104
390KD05JX
25
31
1.5
39(35-43)
*86
330KD05JX
20
26
1.3
33(30-36)
*73
270KD05JX
17
22
1.1
27(24-30)
*60
220KD05JX
14
18
0.8
22(20-24)
*48
180LD05JX
11
14
0.7
18(15-21)
*40
250
125
0.01
800
600
0.1
V1mA
(A)
Withstanding Surge
Current 8/20us
Maximum
Clamping
Voltage
2 times
(W)
V5A
Rated Wattage
Varistor
Voltage
ACrms
DC
10/1000us
1 time
Part Number
Maximum Allowable
Voltage
Maximum
Energy
www.mccsemi.com
2 of 6


Similar Part No. - 621KD05JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
621KD05NX MCC-621KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
More results

Similar Description - 621KD05JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com