Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9612BTEU Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G9612BTEU
Description  Low-Dropout, 500mA Linear Regulator with Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9612BTEU Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G9612BTEU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9612BTEU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9612BTEU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9612BTEU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9612BTEU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9612BTEU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9612BTEU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9612BTEU Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.7
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G9612
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Supply Voltage (IN or OUT to GND)…...…0.3V to 6.5V
Input Voltage….………………………………………6.5V
Thermal Resistance Junction to Ambient, (θJA)
SOT-89-5...……………………….….……….…135°C/W
Thermal Resistance Junction to Case, (θJc)
SOT-89-5..…….………………….….….……..…24°C/W
Output Short-Circuit Duration…….…….….……1 min
Operating Temperature Range…….....-40°C to 85°C
Junction Temperature………………….………..160°C
Storage Temperature Range…...……-65°C to 160°C
Reflow Temperature (soldering, 10sec)………260°C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Electrical Characteristics
VIN=5V, CIN=1µF, COUT=10µF, TJ =TA=25°C (Note3), unless otherwise noted. Typical values for regulators are
at VIN =5V.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2.5
---
6.0
V
G9612A
3.332
3.4
3.468
G9612B/C
3.234
3.3
3.366
Output Voltage (Note 1)
VOUT
G9612D
2.45
2.5
2.55
V
Load Regulation
ΔVLDR
IOUT=1mA to 500mA, VIN=VOUT +1V
---
8
17
mV
Line Regulation
ΔVLNR
(VOUT+0.5V) ≤ VIN ≤ 6V, IOUT =25mA
-8
0.3
8
mV
G9612A/B/C
---
560
610
Dropout Voltage (Note 2)
ΔVDO
IOUT=500mA
G9612D
---
650
700
mV
Parameter Tempco VOUT
---
40
---
ppm/°C
f=120HZ, IOUT=30mA
---
70
---
Ripple Rejection
PSRR
f=120HZ, IOUT=300mA
---
65
---
dB
Output Noise
en
20Hz to 100kHz, IOUT=30mA~500mA.
---
320
---
µVRMS
Quiescent Current
IQ
---
320
450
µA
VOUT<VFOLDBACK
260
400
580
Foldback Current Limit
ILIM
VOUT>VFOLDBACK
650
900
1200
mA
Foldback Voltage
VFOLDBACK
0.6
0.78
0.95
V
Thermal Shutdown Temperature
TSD
---
160
---
°C
Thermal Shutdown Hysteresis
ΔTSD
---
30
---
°C
G9612A/B/D
4.11
4.2
4.29
Reset Threshold
VTH-
G9612C
3.81
3.9
3.99
V
G9612A/B/D
---
150
---
Reset Threshold Hysteresis
VHYS
G9612C
---
130
---
mV
Reset Threshold Tempco
---
40
---
ppm/°C
CD Delay Pin Threshold Voltage
VTCD
VCC = 5V
3.5
3.9
4.3
V
CD Pin Sink Current
ICD
VCC=1.5V, VCD=0.5V
3
4.3
---
mA
CD Pin Pullup Resistance
RD
100
200
400
k
Ω
RESET Output Current Low
IOL
VCC=2.5V, V RESET =0.4V
8
11.5
---
mA
RESET Function Operating Voltage
VOP
RESET
sink current>10µA
---
0.7
0.85
V
Note 1: (VIN-VOUT) is limited to keep the product (IOUT x (VIN - VOUT)) from exceeding the package power dissipation limits.
Note 2: Dropout Voltage is (VIN - VOUT) when VOUT falls to 100mV below its nominal value at VIN = VOUT+1V. For example, the
G9612 is tested by measuring the VOUT at VIN = VOUT+1V, then VIN is lowered until VOUT falls 100mV below the meas-
ured value. The difference (VIN - VOUT) is then measured and defined as ΔVDO.
Note 3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.


Similar Part No. - G9612BTEU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G961-15ADJTEU GMT-G961-15ADJTEU Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G961-15ADJTEUF GMT-G961-15ADJTEUF Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G961-18ADJTEU GMT-G961-18ADJTEU Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G961-18ADJTEUF GMT-G961-18ADJTEUF Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
More results

Similar Description - G9612BTEU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com