Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5233CVM150 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCF5233CVM150
Description  Integrated Microprocessor Hardware Specification
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5233CVM150 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF5233CVM150 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5233CVM150 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
MCF523x Integrated Microprocessor Hardware Specification, Rev. 2
Design Recommendations
Freescale Semiconductor
10
5.2
Power Supply
•33
µF, 0.1 µF, and 0.01 µF across each power supply
5.2.1
Supply Voltage Sequencing and Separation Cautions
Figure 1 shows situations in sequencing the I/O VDD (OVDD), PLL VDD (PLLVDD), and Core VDD (VDD).
OVDD is specified relative to VDD.
Figure 1. Supply Voltage Sequencing and Separation Cautions
5.2.1.1
Power Up Sequence
If OVDD are powered up with VDD at 0 V, then the sense circuits in the I/O pads will cause all pad output
drivers connected to the OVDD to be in a high impedance state. There is no limit on how long after OVDD
powers up before VDD must powered up. VDD should not lead the OVDD or PLLVDD by more than 0.4 V
during power ramp-up, or there will be high current in the internal ESD protection diodes. The rise times
on the power supplies should be slower than 1
µs to avoid turning on the internal ESD protection clamp
diodes.
The recommended power up sequence is as follows:
1. Use 1
µs or slower rise time for all supplies.
2. VDD/PLLVDD and OVDD should track up to 0.9 V, then separate for the completion of ramps with
OVDD going to the higher external voltages. One way to accomplish this is to use a low drop-out
voltage regulator.
Supplies Stable
2
1
3.3V
2.5V
1.5V
0
Time
Notes:
VDD should not exceed OVDD or PLLVDD by more than 0.4 V
at any time, including power-up.
Recommended that VDD/PLLVDD should track OVDD up to
0.9 V, then separate for completion of ramps.
Input voltage must not be greater than the supply voltage (OVDD,
VDD, or PLLVDD) by more than 0.5 V at any time, including during power-up.
Use 1 ms or slower rise time for all supplies.
1.
2.
3.
4.
VDD, PLLVDD
OVDD


Similar Part No. - MCF5233CVM150

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5233CVM150 FREESCALE-MCF5233CVM150 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
More results

Similar Description - MCF5233CVM150

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com