Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5275LCVM166 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF5275LCVM166
Description  Integrated Microprocessor Family Hardware Specification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5275LCVM166 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5275LCVM166 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5275LCVM166 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Design Recommendations
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
2. VDD/PLLVDD and OVDD/SDVDD should track up to 0.9 V, then separate for the completion of
ramps with OVDD/SD VDD going to the higher external voltages. One way to accomplish this is to
use a low drop-out voltage regulator.
5.2.1.2
Power Down Sequence
If VDD/PLLVDD are powered down first, then sense circuits in the I/O pads will cause all output drivers to
be in a high impedance state. There is no limit on how long after VDD and PLLVDD power down before
OVDD or SDVDD must power down. VDD should not lag OVDD, SDVDD, or PLLVDD going low by more
than 0.4 V during power down or there will be undesired high current in the ESD protection diodes. There
are no requirements for the fall times of the power supplies.
The recommended power down sequence is as follows:
1. Drop VDD/PLLVDD to 0 V.
2. Drop OVDD/SDVDD supplies.
5.3
Decoupling
Place the decoupling capacitors as close to the pins as possible, but they can be outside the footprint
of the package.
0.1
µF and 0.01 µF at each supply input
5.4
Buffering
Use bus buffers on all data/address lines for all off-board accesses and for all on-board accesses
when excessive loading is expected. See electricals.
5.5
Pull-up Recommendations
Use external pull-up resistors on unused inputs. See pin table.
5.6
Clocking Recommendations
Use a multi-layer board with a separate ground plane.
Place the crystal and all other associated components as close to the EXTAL and XTAL (oscillator
pins) as possible.
Do not run a high frequency trace around crystal circuit.
Ensure that the ground for the bypass capacitors is connected to a solid ground trace.
Tie the ground trace to the ground pin nearest EXTAL and XTAL. This prevents large loop currents
in the vicinity of the crystal.
Tie the ground pin to the most solid ground in the system.
Do not connect the trace that connects the oscillator and the ground plane to any other circuit
element. This tends to make the oscillator unstable.
Tie XTAL to ground when an external oscillator is clocking the device.


Similar Part No. - MCF5275LCVM166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5275LCVM166 MOTOROLA-MCF5275LCVM166 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5275LCVM166 FREESCALE-MCF5275LCVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
More results

Similar Description - MCF5275LCVM166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com