Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5329CVM240 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF5329CVM240
Description  Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5329CVM240 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF5329CVM240 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5329CVM240 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MCF532x Family Comparison
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
3
Figure 1. MCF5329 Block Diagram
1
MCF532x Family Comparison
The following table compares the various device derivatives available within the MCF532x family.
Table 1. MCF532x Family Configurations
Module
MCF5327
MCF5328
MCF53281
MCF5329
ColdFire Version 3 Core with EMAC
(Enhanced Multiply-Accumulate Unit)
•••
Core (System) Clock
up to 240 MHz
Peripheral and External Bus Clock
(Core clock
÷ 3)
up to 80 MHz
Performance (Dhrystone/2.1 MIPS)
up to 211
Unified Cache
16 Kbytes
Static RAM (SRAM)
32 Kbytes
FlexBus
D[31:0]
A[23:0]
R/W
CS[5:0]
TA
TS
XBS
M2
M1
M0
M5
PWMs, EPORT,
JTAG
TAP
TRST
TCLK
TMS
TDI
TDO
Cache
(1024x32)x4
DMA
UARTs
FlexCAN
I2C
QSPI
DMA Timers
Watchdog, PITs
16 KByte
Chip
External
Selects
(To/From PADI)
CANTX
CANRX
FEC
FEC
DMA Timer
SDRAMC
UART
I2C
SDRAMC
QSPI
JTAG_EN
RTC
USB Host
M4
LCDC
S4
S7
S1
Reset
PORTS
SDRAMC
SSI
LCDC
USB OTG
RESET
SRAM
(4096x32)x2
32 KByte
PLL
S6
SDRAMC
M6
USB Host
USB OTG
ULPI Interface
INTC0
INTC1
RCON
LCDC
SSI
V3 ColdFire CPU
DIV
EMAC
(To/From PADI)
RNGA
SKHA
MDHA
Cryptography
Modules
Interface
RSTOUT
(To/From SRAM backdoor)
(To/From XBS backdoor)
DREQn
DACKn
(To/From PADI)
USB Host
USB OTG
BE/BWE[3:0]
PWM
(To/From PADI)


Similar Part No. - MCF5329CVM240

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
MCF5329CVM240 ANALOGICTECH-MCF5329CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5329CVM240 FREESCALE-MCF5329CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329CVM240 NXP-MCF5329CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Similar Description - MCF5329CVM240

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5208 FREESCALE-MCF5208 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5373 FREESCALE-MCF5373 Datasheet
847Kb / 42P
   Microprocessor Data Sheet
MCF5208 FREESCALE-MCF5208_07 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com