Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S52VJ000F Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP1S52VJ000F
Description  Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S52VJ000F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP1S52VJ000F Datasheet HTML 3Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 4Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 5Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 6Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 7Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 8Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 9Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 10Page - Sharp Corporation GP1S52VJ000F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Sheet No.: D3-A02501EN
GP1S52VJ000F
Fig.13 Detecting Position Characteristics (1)
Fig.14 Detecting Position Characteristics (2)
Shield moving distance L (mm)
−1.5
0
50
100
−1
−0.5
0
0.5
1
1.5
2
2.5
Sensor
Shield
L
+
IF=20mA, VCE=5V
Ta=25˚C
0
−3
0
50
100
−2
−1
0
12345
+
0
Shield
Sensor
IF=20mA, VCE=5V
Ta=25˚C
Shield moving distance L (mm)
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.


Similar Part No. - GP1S52VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S52V SHARP-GP1S52V Datasheet
76Kb / 5P
   General Purpose Photointerrupter
More results

Similar Description - GP1S52VJ000F

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KW1S50FC COSMO-KW1S50FC Datasheet
365Kb / 2P
   Photointerrupter
KW1S55FC COSMO-KW1S55FC Datasheet
394Kb / 2P
   Photointerrupter
logo
Seoul Semiconductor
SPS-8T SEOUL-SPS-8T Datasheet
38Kb / 2P
   Photointerrupter
logo
Toshiba Semiconductor
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
   PHOTOINTERRUPTER
logo
COSMO Electronics Corp...
KW1S57FC COSMO-KW1S57FC Datasheet
376Kb / 2P
   Photointerrupter
KW1S54FC COSMO-KW1S54FC Datasheet
375Kb / 2P
   Photointerrupter
KW1S40FC COSMO-KW1S40FC Datasheet
393Kb / 2P
   Photointerrupter
logo
Lite-On Technology Corp...
LTH-306-09 LITEON-LTH-306-09 Datasheet
411Kb / 6P
   Photointerrupter
LTH-872-N55T1 LITEON-LTH-872-N55T1 Datasheet
412Kb / 6P
   Photointerrupter
logo
Hamamatsu Corporation
P6291 HAMAMATSU-P6291 Datasheet
63Kb / 2P
   Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com