Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G923-310T1UF Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G923-310T1UF
Description  300mA High PSRR LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G923-310T1UF Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G923-310T1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G923-310T1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ver: 1.5
Jan 16, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G923
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to 7V
Output Short-Circuit Duration . . . . . . . . . . . . . .Infinite
SET to GND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
SHDN to GND. . . . . . . . . . . . . . . . . . . . . .-0.3V to 7V
SHDN to IN. . . . . . . . . . . . . . . . . . . . . . . .-7V to 0.3V
OUT to GND. . . . . . . . . . . . . . . . -0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = 25°C)
SOT-23-5. . . . . . . . . . . . . . . . . . . . . .. . . . . . . . 520mW
Operating Temperature Range . . . . . . . -40°C to 85°C
Junction Temperature. . . . . . . . . . . . . . . . . . . . .150°C
Thermal Resistance Junction to Ambient, (θJA)
SOT-23-5. . . . . . . . . . . . . . . . . . . . . . . . 240°C/Watt(1)
Storage Temperature Range. . . . . . . .-65°C to 160°C
Reflow Temperature (soldering, 10sec) . . . . . . 260°C
Note (1): See Recommended Minimum Footprint (P.8 Figure 3)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN =+3.6V, V SHDN =VIN, TA =TJ =+25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN TYP MAX UNIT
Input Voltage (Note 2)
VIN
2.5
---
5.5
V
Output Voltage Accuracy
VOUT
Variation from specified VOUT, IOUT=1mA
-2
---
2
%
Adjustable Output Voltage Range (Note 3)
VOUT
VSET
---
5.5
V
Maximum Output Current
300
---
---
mA
Current Limit (Note 4)
ILIM
400
550
---
mA
Short Circuit Current
Isc
---
280
---
mA
Ground Pin Current
IQ
---
90
120
µA
IOUT =150mA
---
200
---
IOUT =300mA, VOUT =2.7V
---
500
700
mV
Dropout Voltage (Note 5)
VDROP
IOUT =300mA, VOUT >3.0V
---
400
500
Line Regulation
ΔVLNR
SET=GND, VIN=V(STD)+0.1V to 5.5V , IOUT=10mA
---
0.06 0.12
%/V
Load Regulation
ΔVLDR
IOUT = 10mA to 300mA
---
0.1
1
%
Ripple Rejection
PSRR
F=100Hz, 0.45VP-P, IOUT=10mA
---
65
---
dB
F≤100kHz, Io=0A
---
136
---
F≤100kHz, Io=150mA
---
238
---
Output Noise
Noise
F≤100kHz, Io=300mA
---
253
---
µV
(RMS)
SHUTDOWN
VIH
Regulator enabled
1.5
---
---
SHDN
Input Threshold
VIL
Regulator shutdown
---
---
0.4
V
SHDN
Input Bias Current
I SHDN
V SHDN = VIN
TA = +25°C
---
0.003 0.1
µA
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = +25°C
---
0.2
1
µA
SET INPUT
TA = +25°C
1.225 1.25 1.275
SET Reference Voltage (Note 3)
VSET
VIN = 2.5V to 5.5V,
IOUT = 1mA
TA = TMIN to TMAX
---
1.25
---
V
SET Input Leakage Current (Note 3)
ISET
VSET = 1.3V
TA = +25°C
---
5
30
nA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
---
145
---
°C
Thermal Shutdown Hysteresis
ΔTSHDN
---
25
---
°C
Note 1: Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to maintain junc-
tion temperature as close to ambient as possible.
Note 2: Guaranteed by line regulation test.
Note 3: Adjustable mode only.
Note 4: Not tested. For design purposes, the current limit should be considered 400mA minimum to 650mA maximum.
Note 5: The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the target value of VOUT. The performance of
every G923 part, see “Typical Performance Characteristics”.


Similar Part No. - G923-310T1UF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G923-310T1UF INTERPOINT-G923-310T1UF Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
More results

Similar Description - G923-310T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com