Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D965-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # D965-R
Description  NPN Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

D965-R Datasheet(HTML) 1 Page - Micro Commercial Components

  D965-R Datasheet HTML 1Page - Micro Commercial Components D965-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D965-T
NPN
Plastic-Encapsulate
Transistors
Features
Power Dissipation: PCM=0.75W @ Tamb=25
Collector Current: ICM=5A
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
22
V
VCBO
Collector-Base Voltage
42
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current, Continuous
5
A
PD
Total Device Dissipation
750
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
22
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, IE=0)
42
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, IC=0)
6.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=20Vdc, IE=0)
---
100
nAdc
IEBO
Base Cutoff Current
(VEB=3.0Vdc, IC=0)
---
100
nAdc
HFE
DC Current Gain
( VCE=2V, IC=0.15mA)
( VCE=2V, IC=500mA)
( VCE=2V, IC=2000mA)
150
340
150
---
950
---
VCE(sat)
Collector-emitter Saturation Voltage
(IC=3000mA, IB=100mA)
---
0.35
V
Classification of HFE @( VCE=2V, IC=500mA)
Rank
R
T
Range
340-600
560-950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TO-92
A
E
B
C
D
G
Revision:
4
200
7/02/23
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
1
2
3
1.EMITTER
3.BASE
2.COLLECTOR
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
www.mccsemi.com
1 of 2
Marking: D965R/T
D965-R


Similar Part No. - D965-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
D965-R MCC-D965-R Datasheet
225Kb / 2P
   NPN Plastic-Encapsulate Transistors
D965-R MCC-D965-R Datasheet
287Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - D965-R

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com