Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45198T2157M109 Datasheet(PDF) 8 Page - Kemet Corporation

Part # B45198T2157M109
Description  Tantalum chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198T2157M109 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button B45198T2157M109 Datasheet HTML 4Page - Kemet Corporation B45198T2157M109 Datasheet HTML 5Page - Kemet Corporation B45198T2157M109 Datasheet HTML 6Page - Kemet Corporation B45198T2157M109 Datasheet HTML 7Page - Kemet Corporation B45198T2157M109 Datasheet HTML 8Page - Kemet Corporation B45198T2157M109 Datasheet HTML 9Page - Kemet Corporation B45198T2157M109 Datasheet HTML 10Page - Kemet Corporation B45198T2157M109 Datasheet HTML 11Page - Kemet Corporation B45198T2157M109 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Technical data and ordering codes
CR
(20
°C, 120 Hz)
µF
Case size
DFmax
(20
°C, 120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
Zmax
(20
°C,
100 kHz)
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
VR,85 = 6.3 VDC, VR,125 = 4.0 VDC, VR,150 = 3.2 VDC, VR,175 = 2.1 VDC
2.2
A
4.5
0.5
6.5
B45196T1225+10*
3.3
A
4.5
0.5
4.6
B45196T1335+10*
4.7
A
4.5
0.5
3.6
B45196T1475+10*
6.8
A
4.5
0.5
2.9
B45196T1685+10*
6.8
B
4.5
0.5
2.7
B45196T1685+20*
10
B
4.5
0.6
2.1
B45196T1106+20*
15
B
4.5
0.9
1.8
B45196T1156+20*
15
C
4.5
0.9
1.7
B45196T1156+30*
22
B
4.5
1.4
1.5
B45196T1226+20*
22
C
4.5
1.4
1.3
B45196T1226+30*
33
B
4.5
2.1
1.3
B45196T1336+20*
33
C
4.5
2.1
1.1
B45196T1336+30*
47
C
4.5
3.0
0.8
B45196T1476+30*
47
D
4.5
3.0
0.8
B45196T1476+40*
68
C
6.0
4.3
0.8
B45196T1686+30*
68
D
4.5
4.3
0.6
B45196T1686+40*
100
D
4.5
6.3
0.6
B45196T1107+40*
150
D
4.5
9.5
0.5
B45196T1157+40* q
VR,85 = 10 VDC, VR,125 = 6.3 VDC, VR,150 = 5.0 VDC, VR,175 = 3.3 VDC
1.5
A
4.5
0.5
6.5
B45196T2155+10*
2.2
A
4.5
0.5
4.6
B45196T2225+10*
3.3
A
4.5
0.5
3.6
B45196T2335+10*
4.7
A
4.5
0.5
2.9
B45196T2475+10*
4.7
B
4.5
0.5
2.7
B45196T2475+20*
6.8
A
4.5
0.7
2.0
B45196T2685+10*
6.8
B
4.5
0.7
2.1
B45196T2685+20*
10
B
4.5
1.0
1.8
B45196T2106+20*
10
C
4.5
1.0
1.7
B45196T2106+30*
15
B
4.5
1.5
1.5
B45196T2156+20*
15
C
4.5
1.5
1.4
B45196T2156+30*
22
C
4.5
2.2
1.1
B45196T2226+30*
33
C
4.5
3.3
0.9
B45196T2336+30*
Tantalum chip capacitors
B45196T, B45198T
Performance, High Temperature 175
°C
Page 8 of 13
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45198T2157M109

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198E EPCOS-B45198E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Kemet Corporation
B45198E KEMET-B45198E Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45198E KEMET-B45198E Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45198E1225J106 EPCOS-B45198E1225J106 Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
B45198E1225J109 EPCOS-B45198E1225J109 Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
More results

Similar Description - B45198T2157M109

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com