Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

560KD05NX Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 560KD05NX
Description  4 to 460 Volts Varistor 0.20 to 22.5 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

560KD05NX Datasheet(HTML) 2 Page - Micro Commercial Components

  560KD05NX Datasheet HTML 1Page - Micro Commercial Components 560KD05NX Datasheet HTML 2Page - Micro Commercial Components 560KD05NX Datasheet HTML 3Page - Micro Commercial Components 560KD05NX Datasheet HTML 4Page - Micro Commercial Components 560KD05NX Datasheet HTML 5Page - Micro Commercial Components 560KD05NX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision: 2
2006/09/09
MCC
751KD05NX thru 8R0MD05NX
Electrical Characteristics @ 25OC Unless Otherwise Noted
*680K-8R0M Max. Clamping Voltage testing current 1A
TM
Micro Commercial Components
(V)
(V)
(J)
(V)
(V)
751KD05NX
460
615
22.5
750(675-825)
1290
681KD05NX
420
560
21.5
680(612-748)
1150
621KD05NX
385
505
20.5
620(558-682)
1050
561KD05NX
350
460
19.5
560(504-616)
940
511KD05NX
320
418
18.5
510(459-561)
880
471KD05NX
300
385
17.5
470(423-517)
810
431KD05NX
275
350
16.5
430(387-473)
745
391KD05NX
250
320
15.0
390(351-429)
675
361KD05NX
230
300
13.0
360(324-396)
620
331KD05NX
210
275
11.5
330(297-363)
575
301KD05NX
195
250
10.5
300(270-330)
525
271KD05NX
175
225
9.9
270(243-297)
475
241KD05NX
150
200
8.4
240(216-264)
415
221KD05NX
140
180
7.8
220(198-242)
380
201KD05NX
130
170
7.1
200(185-225)
355
181KD05NX
115
150
6.5
180(162-198)
320
151KD05NX
95
125
5.5
150(135-165)
260
121KD05NX
75
100
4.0
120(108-132)
210
101KD05NX
60
85
3.5
100(90-110)
175
820KD05NX
50
65
2.8
82(74-90)
145
680KD05NX
40
56
2.1
68(61-75)
*150
560KD05NX
35
45
1.8
56(50-62)
*123
470KD05NX
30
38
1.5
47(42-52)
*104
390KD05NX
25
31
1.2
39(35-43)
*86
330KD05NX
20
26
1.1
33(30-36)
*73
270KD05NX
17
22
0.9
27(24-30)
*60
220KD05NX
14
18
0.7
22(20-24)
*48
180LD05NX
11
14
0.6
18(15-21)
*40
120MD05NX
6
8
0.3
12(9.6-14.4)
*33
8R0MD05NX
4
5.5
0.2
8(6.4-9.6)
*24
200
0.1
V5A
(A)
50
25
0.01
100
50
0.01
400
Rated Wattage
Varistor
Voltage
Maximum
Clamping
Voltage
ACrms
DC
10/1000us
1 time
2 times
(W)
V1mA
Part Number
Maximum Allowable
Voltage
Maximum
Energy
Withstanding Surge
Current
www.mccsemi.com
2 of 6


Similar Part No. - 560KD05NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
560KD05JX MCC-560KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
More results

Similar Description - 560KD05NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com