Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEFA105-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CEFA105-G
Description  SMD Efficient Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEFA105-G Datasheet(HTML) 2 Page - Comchip Technology

  CEFA105-G Datasheet HTML 1Page - Comchip Technology CEFA105-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
Rating and Characteristic Curves (CEFA101-G Thru CEFA105-G)
SMD Efficient Fast Recovery Rectifier
-Gsuffix designates RoHS compliant Version
Forward Voltage (V)
(+)
(+)
25Vdc
(approx.)
( )
( )
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
trr
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
Single Phase
Half Wave 60Hz
Tj=25 C
Tj=125 C
Tj=25 C
Pulse width 300uS
4% duty cycle
Tj=25 C
( C)
0
25
50
75
100
125
150
175
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
8.3mS Single Half Sine
Wave JEDEC methode
Tj=75 C
Reverse Voltage (V)
CEFA101-103
CEFA105
CEFA104
f=1MHz and applied
4VDC reverse voltage
Tj=25 C
CEFA101-103
CEFA104-105
Fig. 1 - Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
15
30
45
60
75
90
105 120 135
150
Fig.2 - Forward Characteristics
0
0.2
0.4
0.6 0.8 1.0 1.2
1.4
1.6 1.8
2.0
100
10
1.0
0.1
0.01
10
1.0
0.1
0.01
0.001
Fig. 3 - Junction Capacitance
0.01
0.1
1.0
10
100
0
5
10
15
20
25
30
35
Fig. 4 - Non Repetitive Forward Surge Current
1
5
10
50
100
Number of Cycles at 60Hz
50
40
30
20
10
0
Fig 5 - Test Circuit Diagram and Reverse Recovery Time Characteristics
Fig. 6 - Current Derating Curve
Ambient Temperature
Set Time Base For
50 / 10ns / cm
Notes: 1. Rise Time = 7ns max., Input Impedance = 1 megohm.22pF.
2. Rise Time = 10ns max., Source Impedance = 50 ohms.
PULSE
GENERATOR
(NOTE 2)


Similar Part No. - CEFA105-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEFA105-G COMCHIP-CEFA105-G Datasheet
63Kb / 2P
   SMD Efficient Fast Recovery Rectifiers
More results

Similar Description - CEFA105-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEFL101-G COMCHIP-CEFL101-G Datasheet
58Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CFRA101-G COMCHIP-CFRA101-G Datasheet
70Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CFRB201-G COMCHIP-CFRB201-G Datasheet
70Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CEFL101 COMCHIP-CEFL101 Datasheet
75Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CEFC301 COMCHIP-CEFC301 Datasheet
68Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CEFA201 COMCHIP-CEFA201 Datasheet
67Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CEFA201-G COMCHIP-CEFA201-G Datasheet
106Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CEFM101 COMCHIP-CEFM101 Datasheet
66Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CEFA101 COMCHIP-CEFA101 Datasheet
68Kb / 2P
   SMD Efficient Fast Recovery Rectifier
CEFB101-G COMCHIP-CEFB101-G Datasheet
126Kb / 2P
   SMD Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com