Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45197A2157K109 Datasheet(PDF) 5 Page - Kemet Corporation

Part # B45197A2157K109
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45197A2157K109 Datasheet(HTML) 5 Page - Kemet Corporation

  B45197A2157K109 Datasheet HTML 1Page - Kemet Corporation B45197A2157K109 Datasheet HTML 2Page - Kemet Corporation B45197A2157K109 Datasheet HTML 3Page - Kemet Corporation B45197A2157K109 Datasheet HTML 4Page - Kemet Corporation B45197A2157K109 Datasheet HTML 5Page - Kemet Corporation B45197A2157K109 Datasheet HTML 6Page - Kemet Corporation B45197A2157K109 Datasheet HTML 7Page - Kemet Corporation B45197A2157K109 Datasheet HTML 8Page - Kemet Corporation B45197A2157K109 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Specifications and characteristics in brief
Series
SpeedPower
Ordering code
B45197A,
B450
B45198R,
B451
Technology
Ta-MnO2
Ta-MnO2
Terminals
Tinned
Gold-plated
Rated voltage
(up to 85
°C)
VR
2.5 ... 50
VDC
Rated capacitance
(20
°C, 120 Hz)
CR
0.15 ... 1000
µF
Capacitance tolerance
±20%, ±10%
Maximum equivalent series
resistance
(20
°C, 100 kHz)
ESRmax
40 ... 15000
m
Operating temperature range
Top
55 ... +125
°C
Failure rate
(1 fit = 1 10-9 failures/h)
CR VR
≤ 330 µF V
CR VR > 330
µF V
(at 40
°C; ≤ V
R,
RS
≤ 0.1 Ω/V)
≤40
≤144 or 288
(dependent on type)
fit
Service life
>500000
h
Leakage current
(VR, 5 min, 20
°C)
Ileak
10
nA/
µC
Detail specification
(tinned terminals)
CECC 30801-805
Climatic category
(to IEC 60068-1)
( 55
°C/+125 °C/56
days damp heat test)
55/125/56
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 5 of 26
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45197A2157K109

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45197A2477K509 KEMET-B45197A2477K509 Datasheet
38Kb / 1P
   Capacitor, tantalum, 470 uF, 10per Tol, 10V 85C, E
More results

Similar Description - B45197A2157K109

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com