Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC826XCZU Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC826XCZU
Description  PowerQUICC??II Integrated Communications Processor Hardware Specifications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC826XCZU Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC826XCZU Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC826XCZU Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1
8
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 2 lists recommended operational voltage conditions.
NOTE: Core, PLL, and I/O Supply Voltages
VDDH, VCCSYN, and VDD must track each other and both must vary in
the same direction—in the positive direction (+5% and +0.1 Vdc) or in the
negative direction (-5% and -0.1 Vdc).
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (either GND or VCC).
Figure 2 shows the undershoot and overshoot voltage of the 60x and local bus memory interface of the
MPC8280. Note that in PCI mode the I/O interface is different.
Figure 2. Overshoot/Undershoot Voltage
Table 2. Recommended Operating Conditions(1)
Notes:
1. Caution: These are the recommended and tested operating conditions. Proper device operating outside of these
conditions is not guaranteed.
Rating
Symbol
Value
Unit
Core supply voltage
VDD
1.7 – 1.9(2)
2. CPU frequency less than or equal to 200 MHz.
1.7–2.1(3)
3. CPU frequency greater than 200 MHz but less than 233 MHz.
1.9 –2.2(4)
4. CPU frequency greater than or equal to 233 MHz.
V
PLL supply voltage
VCCSYN
1.7 – 1.92
1.7–2.13
1.9–2.24
V
I/O supply voltage
VDDH
3.135 – 3.465
V
Input voltage
VIN
GND (-0.3) – 3.465
V
Junction temperature (maximum)
Tj
105(5)
5. Note that for extended temperature parts the range is (-40)T
A
– 105Tj.
°C
Ambient temperature
TA
0–705
°C
GND
GND – 0.3 V
GND – 1.0 V
Not to exceed 10%
GVDD
of tSDRAM_CLK
GVDD + 5%
4 V
VIH
VIL


Similar Part No. - MPC826XCZU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC826XACVV FREESCALE-MPC826XACVV Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC826XACZU FREESCALE-MPC826XACZU Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Motorola, Inc
MPC826XACZUBUS MOTOROLA-MPC826XACZUBUS Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC826XACZUBUSX MOTOROLA-MPC826XACZUBUSX Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC826XACZUSPM MOTOROLA-MPC826XACZUSPM Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
More results

Similar Description - MPC826XCZU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8260EC FREESCALE-MPC8260EC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com