Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45198P3157M309 Datasheet(PDF) 4 Page - Kemet Corporation

Part # B45198P3157M309
Description  Tantalum Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198P3157M309 Datasheet(HTML) 4 Page - Kemet Corporation

  B45198P3157M309 Datasheet HTML 1Page - Kemet Corporation B45198P3157M309 Datasheet HTML 2Page - Kemet Corporation B45198P3157M309 Datasheet HTML 3Page - Kemet Corporation B45198P3157M309 Datasheet HTML 4Page - Kemet Corporation B45198P3157M309 Datasheet HTML 5Page - Kemet Corporation B45198P3157M309 Datasheet HTML 6Page - Kemet Corporation B45198P3157M309 Datasheet HTML 7Page - Kemet Corporation B45198P3157M309 Datasheet HTML 8Page - Kemet Corporation B45198P3157M309 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Marking
Case size A
Case size B
Case sizes C, D, E
Voltage coding for case size A
Rated voltage
4
6.3 10
16
20
25
35
50
Code letter
G
J
A
C
D
E
V
T
Capacitance coding
1st and 2nd digit
Capacitance in pF
3rd digit
Multiplier:
6 = 106 pF
7 = 107 pF
8 = 108 pF
Date coding
Year
Month
T = 2005
U = 2006
V = 2007
W = 2008
X = 2009
2 = February
3 = March
4 = April
5 = May
6 = June
8 = August
9 = September
O = October
N = November
D = December
Tantalum chip capacitors
B45196P, B45198P
Performance, High Reliability 150
°C
Page 4 of 15
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45198P3157M309

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198P1225+106 EPCOS-B45198P1225+106 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+109 EPCOS-B45198P1225+109 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+206 EPCOS-B45198P1225+206 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+209 EPCOS-B45198P1225+209 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+306 EPCOS-B45198P1225+306 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
More results

Similar Description - B45198P3157M309

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com