Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC860SRZQ80D4 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # KMPC860SRZQ80D4
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860SRZQ80D4 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  KMPC860SRZQ80D4 Datasheet HTML 1Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC860SRZQ80D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
4
Freescale Semiconductor
Features
— UTOPIA-mode ATM supports level-1 master with cell-level handshake, multi-PHY (up to four physical
layer devices), connection to 25-, 51-, or 155-Mbps framers, and UTOPIA/system clock ratios of 1/2 or
1/3.
— Serial-mode ATM connection supports transmission convergence (TC) function for T1/E1/ADSL lines,
cell delineation, cell payload scrambling/descrambling, automatic idle/unassigned cell
insertion/stripping, header error control (HEC) generation, checking, and statistics.
Communications processor module (CPM)
— RISC communications processor (CP)
— Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT MODE, and
RESTART TRANSMIT
)
— Supports continuous mode transmission and reception on all serial channels
— Up to 8 Kbytes of dual-port RAM
— 16 serial DMA (SDMA) channels
— Three parallel I/O registers with open-drain capability
Four baud-rate generators (BRGs)
— Independent (can be tied to any SCC or SMC)
— Allows changes during operation
— Autobaud support option
Four serial communications controllers (SCCs)
— Ethernet/IEEE 802.3 optional on SCC1–4, supporting full 10-Mbps operation (available only on
specially programmed devices)
— HDLC/SDLC (all channels supported at 2 Mbps)
— HDLC bus (implements an HDLC-based local area network (LAN))
— Asynchronous HDLC to support point-to-point protocol (PPP)
—AppleTalk
— Universal asynchronous receiver transmitter (UART)
— Synchronous UART
— Serial infrared (IrDA)
— Binary synchronous communication (BISYNC)
— Totally transparent (bit streams)
— Totally transparent (frame-based with optional cyclic redundancy check (CRC))
Two SMCs (serial management channels)
— UART
— Transparent
— General circuit interface (GCI) controller
— Can be connected to the time-division multiplexed (TDM) channels
One SPI (serial peripheral interface)
— Supports master and slave modes
— Supports multimaster operation on the same bus
•One I2C (inter-integrated circuit) port
— Supports master and slave modes


Similar Part No. - KMPC860SRZQ80D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
KMPC860SRZQ80D4 FREESCALE-KMPC860SRZQ80D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
More results

Similar Description - KMPC860SRZQ80D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com