Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45198R6157M209 Datasheet(PDF) 8 Page - Kemet Corporation

Part # B45198R6157M209
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198R6157M209 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button B45198R6157M209 Datasheet HTML 4Page - Kemet Corporation B45198R6157M209 Datasheet HTML 5Page - Kemet Corporation B45198R6157M209 Datasheet HTML 6Page - Kemet Corporation B45198R6157M209 Datasheet HTML 7Page - Kemet Corporation B45198R6157M209 Datasheet HTML 8Page - Kemet Corporation B45198R6157M209 Datasheet HTML 9Page - Kemet Corporation B45198R6157M209 Datasheet HTML 10Page - Kemet Corporation B45198R6157M209 Datasheet HTML 11Page - Kemet Corporation B45198R6157M209 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Tantalum chip capacitors
B45
0
SpeedPower, Low ESR
Page 8 of 26
Please read Important notes and
Cautions and warnings at the end of this document.
VR (VDC)
2.5
4
6.3
10
16
20
25
35
50
ESR (mW)
400
B(47)
C(68)
B(22* 47)
C(10 15)
B(22*)
C(15)
C(15)
C(10)
D(6.8)
450
B(15*)
C(10)
C(10)
C(10)
480
C(6.8)
500
A(47*)
B(220*)
A(22*)
B(22 33 47
68)
B(47)
B(10* 15*)
B(10* 15*)
C(6.8)
C(4.7)
530
C(4.7)
550
B(33)
C(3.3)
600
A(33*)
B(33)
B(10* 15)
B(6.8*)
B(6.8*)
650
B(33 47)
B(10 15)
700
A(15*)
B(15 150*)
B(22 100*)
B(22)
B(4.7* 6.8) B(4.7*)
750
A(47)
B(10)
B(4.7 6.8)
B(3.3* 4.7*)
10*)
B(2.2*)
800
A(10*)
B(22)
B(4.7* 10
15)
B(10)
B(3.3 4.7)
900
A(10*)
B(15)
B(6.8)
B(2.2* 4.7)
1000
A(33)
A(33)
A(33)
B(10)
A(15*)
B(4.7)
B(4.7 6.8 10)
B(4.7 6.8)
B(3.3 4.7*)
1200
B(6.8 10)
B(6.8)
B(2.2 3.3)
1300
B(3.3)
1400
A(4.7*)
1500
A(22)
A(15 22)
A(22)
A(22 33*)
B(4.7)
A(6.8)
B(4.7)
B(2.2)
A(3.3*)
B(1.5)
A(2.2*)
B(2.2)
C(1.5)
1600
C(1)
1700
A(10*)
1800
A(6.8*)
A(2.2* 6.8* 15) A(2.2*)
A(4.7*)
2000
A(6.8 10 15) A(6.8 10 15)
A(6.8 10 15
47*)
A(2.2 3.3 4.7
6.8 10)
A(4.7)
B(3.3)
A(4.7 6.8*)
A(1.5*)
B(1 1.5 2.2)
2500
A(2.2 10 15)
A(3.3)
B(0.47 0.68)
3000
A(3.3)
A(3.3 68* 100*) A(3.3)
A(3.3)
A(1* 2.2)
A(1.5*)
A(1)
3500
A(4.7)
A(4.7)
A(4.7)
A(2.2)
4000
A(1* 1.5)
A(0.47* 0.68*)
4500
A(1.5)
5000
A(2.2)
A(2.2)
A(2.2)
A(1.5)
A(1 1.5)
A(1)
A(1)
6000
A(0.68)
A(0.68)
A(0.33* 0.68)
7000
A(0.47)
A(0.33 0.47)
10000
A(0.33)
13000
A(0.22)
15000
A(0.15)


Similar Part No. - B45198R6157M209

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198RA4226+206 EPCOS-B45198RA4226+206 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+209 EPCOS-B45198RA4226+209 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+306 EPCOS-B45198RA4226+306 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+309 EPCOS-B45198RA4226+309 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+506 EPCOS-B45198RA4226+506 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
More results

Similar Description - B45198R6157M209

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com