Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45396R2477M506 Datasheet(PDF) 11 Page - Kemet Corporation

Part # B45396R2477M506
Description  Multiple Anode, Ultra-low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45396R2477M506 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button B45396R2477M506 Datasheet HTML 4Page - Kemet Corporation B45396R2477M506 Datasheet HTML 5Page - Kemet Corporation B45396R2477M506 Datasheet HTML 6Page - Kemet Corporation B45396R2477M506 Datasheet HTML 7Page - Kemet Corporation B45396R2477M506 Datasheet HTML 8Page - Kemet Corporation B45396R2477M506 Datasheet HTML 9Page - Kemet Corporation B45396R2477M506 Datasheet HTML 10Page - Kemet Corporation B45396R2477M506 Datasheet HTML 11Page - Kemet Corporation B45396R2477M506 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-resistance applications and voltage networks
For low-resistance applications,
KEMET recommends a maximum operating voltage of half the
permissible maximum continuous voltage, so that the capacitors have sufficient tolerance to
withstand voltage peaks. Depending on the conditions of use, the early failure rate is higher here
by a factor of 2 to 20 than in the range with a constant failure rate as specified in the data book
.
When operated directly in a voltage network, the capacitor should be protected against
overvoltage, e.g. by a suppressor diode, and against polarity reversal by a diode. If a capacitor is
operated in an unprotected low-impedance circuit and fails because the permissible conditions for
the forward DC voltage, reverse DC voltage, surge current, power dissipation or temperature are
exceeded, the continued current flow through the overstressed capacitor may produce
overheating. The overheated capacitor may damage the surrounding components and the circuit
board
.
Storage conditions
Capacitors with solid electrolyte may be stored at temperatures down to –80
°C. The upper
storage temperature must not exceed +85
°C (for blister tape the temperature limit is +40 °C).
The storage conditions should not exceed +40
°C and 70% R. H. A drypack is useful to prevent
the effects of humidity.
Tantalum chip capacitors
B45396R
Multiple Anode, Ultra-low ESR
Page 11 of 12
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45396R2477M506

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45396R KEMET-B45396R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45396R2477M506

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45496R9687M509 EPCOS-B45496R9687M509 Datasheet
180Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
B45496 EPCOS-B45496 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
logo
Kemet Corporation
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
logo
List of Unclassifed Man...
B45396 ETC1-B45396 Datasheet
210Kb / 3P
   Tantalum Multiple Anode
logo
Nichicon corporation
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
   Ultra-low ESR
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Vishay Siliconix
597D VISHAY-597D Datasheet
449Kb / 2P
   Tantamount짰 Multi-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
Revision: 04-Aug-04
logo
Kemet Corporation
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com