Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZ8V2A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LLZ8V2A
Description  500mW Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLZ8V2A Datasheet(HTML) 1 Page - Micro Commercial Components

  LLZ8V2A Datasheet HTML 1Page - Micro Commercial Components LLZ8V2A Datasheet HTML 2Page - Micro Commercial Components LLZ8V2A Datasheet HTML 3Page - Micro Commercial Components LLZ8V2A Datasheet HTML 4Page - Micro Commercial Components LLZ8V2A Datasheet HTML 5Page - Micro Commercial Components LLZ8V2A Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LLZ2V4
THRU
LLZ56
500mW Silicon
Zener Diodes
Features
Hermetically Sealed Glass Package
Zener Voltage 2.4V to 56V
For Surface Mount Applications
Maximum Ratings
Symbol
Value
Units
Max. Steady State Power
Dissipation at
PD
500
mW
Junction Temperature
TJ
175
Storage Temperature Range
TSTG
-65 to 175
Electrical Characteristics @ 25Unless Otherwise Specified
Symbol
Value
Unit
Max. Forward Voltage
@
IF=200mA
VF
1.5
V
NOTE: 1.Some part number series have lower JEDEC registered ratings.
Mechanical Data
Case: hermetically sealed glass
Polarity: Cathode indicated by polarity band
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: 1
2005/12/22
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
TM
Micro Commercial Components
Junction ambient R thJA :500 K/W
2.On PC Board 50 mm x 50 mm x 1.6 mm
(Note:1)
(Note:2)


Similar Part No. - LLZ8V2A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ8V2 TSC-LLZ8V2 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ8V2 TSC-LLZ8V2 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ8V2 YEASHIN-LLZ8V2 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ8V2 TSC-LLZ8V2 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ8V2 MCC-LLZ8V2 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
More results

Similar Description - LLZ8V2A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com