Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGR1601 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MGR1601
Description  16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MGR1601 Datasheet(HTML) 1 Page - Micro Commercial Components

  MGR1601 Datasheet HTML 1Page - Micro Commercial Components MGR1601 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
MGR1607
16 Amp
Glass Passivated
Silicon Rectifiers
50 to 1000 Volts
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Maximum Ratings
Operating Temperature: -55
℃ to +150℃
Storage Temperature: -55
℃ to +150℃
Typical Thermal Resistance: 2.0
℃/W Junction to Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MGR1601
50V
35V
50V
MGR1602
100V
70V
100V
MGR1603
200V
140V
200V
MGR1604
400V
280V
400V
MGR1605
600V
420V
600V
MGR1606
800V
560V
800V
MGR1607
1000V
700V
1000V
Electrical Characteristics @ 25Unless Otherwise Specified
Maximum Average
Forward Current
IF(AV)
16 A
TC = 100
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum
Instantaneous Forward
Voltage
VF
1.1V
IF=16A
TA=25
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
10
µA
250
µA
TA = 25
TA = 125
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
TO-220AC
MGR1601
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: 4
2004/10/07
A
B
C
K
J
I
G
F
E
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

TM
Micro Commercial Components


Similar Part No. - MGR1601

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MGR1601 MCC-MGR1601 Datasheet
149Kb / 3P
   16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1601 MCC-MGR1601 Datasheet
272Kb / 3P
   16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1601-BP MCC-MGR1601-BP Datasheet
149Kb / 3P
   16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1601 MCC-MGR1601_08 Datasheet
149Kb / 3P
   16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1601 MCC-MGR1601_13 Datasheet
272Kb / 3P
   16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
More results

Similar Description - MGR1601

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MGR1601 MCC-MGR1601_08 Datasheet
149Kb / 3P
   16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1601 MCC-MGR1601_13 Datasheet
272Kb / 3P
   16 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1201 MCC-MGR1201_08 Datasheet
128Kb / 2P
   12 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1201 MCC-MGR1201_13 Datasheet
240Kb / 2P
   12 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
MGR1201 MCC-MGR1201 Datasheet
125Kb / 1P
   12 Amp Glass Passivated Silicon Rectifiers 50 to 1000 Volts
KBJL10005G MCC-KBJL10005G Datasheet
247Kb / 2P
   10 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJL15005G MCC-KBJL15005G Datasheet
186Kb / 2P
   15 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
KBJ4005G MCC-KBJ4005G Datasheet
395Kb / 3P
   4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJ10005G MCC-KBJ10005G Datasheet
354Kb / 3P
   10 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com