Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18730 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 18730
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

18730 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  18730_06 Datasheet HTML 1Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 2Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 3Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 4Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc 18730_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
18730
PIN CONNECTIONS
37
SW2
Power
Switching
Switching Power Supply Circuit 2 Coil Connection
38
SW2
Power
Switching
Switching Power Supply Circuit 2 Coil Connection
39
VIN2
Output
Voltage Output
Switching Power Supply Circuit 2 Output
40
VOUT2
Output
Voltage Output
Power Switch 2 Output
41
VO2_SENSE_IN
Input
Voltage Input
Power Switch 2 Voltage Input
42
VO2_SENSE
Input
Voltage Input
Switching Power Supply Circuit 2 VO2_SENSE Voltage Input
43
HG
Output
Step Down Top FET 2
Switching Power Supply Circuit 2 Step down Top side FET Gate
Output for Ni_mh
44
LG
Output
Step Down Bottom
FET 2
Switching Power Supply Circuit 2 Step down Bottom side FRT Gate
Output for Ni_mh
45
VGATE_EXT
Output
Gate Switch
External Transistor Gate Signal Output
46
SREGC3
Power
Regulator Capacitor 3
Series Pass Power Supply Circuit 3 External Feedback Connection
47
SREGO3
Output
Regulator Output 3
Series Pass Power Supply Circuit 3 Output
48
SREGI3
Power
Regulator Input 3
Series Pass Power Supply Circuit 3 Power Supply
49
SREGC2
Power
Regulator Capacitor 2
Series Pass Power Supply Circuit 2 External Feedback Connection
50
SREG2G
Output
Regulator Gate
Output 2
Series Pass Power Supply Circuit 2 External Transistor Gate Signal
Output
51
SREGO2
Output
Regulator Output 2
Series Pass Power Supply Circuit 2 Output
52
SREGI2
Power
Regulator Input 2
Series Pass Power Supply Circuit 2 Power Supply
53
SREGC1
Power
Regulator Capacitor 1
Series Pass Power Supply Circuit 1 External Feedback Connection
54
SREGO1
Output
Regulator Output 1
Series Pass Power Supply Circuit 1 Output
55
SREGI1
Power
Regulator Input 1
Series Pass Power Supply Circuit 1 Power Supply
56
GND
Ground
Ground
GND
57
VREF
Output
Reference Voltage
Reference Voltage Output
58
DATA
Input
Data Signal
Serial Interface Data Signal Input
59
STRB
Input
Strobe
Serial Interface Strobe Signal Input
60
SCKIN
Input
Serial Clock
Serial Interface Clock Signal Input
61
WATCHDOG
Input
Watch Dog Timer
Watchdog Timer Capacitor Connection
62
SEQ_SELECT
Input
Sequence Input
Start-Up Sequence Setting Input
63
EXT_CLOCK
Input
Clock Input
External Synchronous Clock Signal Input
64
SLEEP
Input
Sleep Signal
Sleep Signal Input
Table 1. MPC18730 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 14.
Pin Number
Pin Name
Pin
Function
Formal Name
Definition


Similar Part No. - 18730_06

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873090 PHOENIX-1873090 Datasheet
156Kb / 6P
   DFK-MSTBVA 2,5/ 6-G-5,08
1873090 PHOENIX-1873090 Datasheet
152Kb / 6P
   MSTBVA 2,5/ 6-G-5,08
1873090 PHOENIX-1873090 Datasheet
151Kb / 6P
   MSTBV 2,5/ 6-G-5,08
1873090 PHOENIX-1873090 Datasheet
151Kb / 6P
   MSTB 2,5/ 6-G-5,08
1873090 PHOENIX-1873090 Datasheet
147Kb / 7P
   IC 2,5/ 6-ST-5,08
More results

Similar Description - 18730_06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC18730 NXP-MPC18730 Datasheet
1Mb / 35P
   Power Management IC with Five Regulated Outputs
Rev. 4.0, 8/2006
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
RICOH electronics devic...
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
logo
Texas Instruments
DP83848H TI1-DP83848H_15 Datasheet
2Mb / 84P
[Old version datasheet]   MII Serial Management Interface
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
logo
Freescale Semiconductor...
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Texas Instruments
DP83848LFQ TI1-DP83848LFQ Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
logo
Intersil Corporation
ISL80083 INTERSIL-ISL80083 Datasheet
1Mb / 21P
   2.5MHz Integrated Power Management IC with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com