Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU810G-G Datasheet(PDF) 1 Page - Comchip Technology

Part # KBU810G-G
Description  Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBU810G-G Datasheet(HTML) 1 Page - Comchip Technology

  KBU810G-G Datasheet HTML 1Page - Comchip Technology KBU810G-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
-55 to + 150
KBU
Voltage Range 50 to 1000 V
Current 8.0 Ampere
KBU
8005G-G
SYMBOL
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ,TSTG
KBU
801G-G
KBU
802G-G
KBU
804G-G
KBU
808G-G
KBU
806G-G
50
100
800
600
400
35
70
560
420
280
50
100
800
600
400
8.0
5.0
170
500
1.1
UNIT
V
V
V
V
A
A
uA
uA
o
C
200
140
200
KBU
810G-G
1000
700
1000
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical Thermal Resistance per leg (Note 1)
Operating Junctionand Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
R JA
18
o
C/W
Temperature Range
Weight: 0.3 ounce, 8.0 grams
Terminals: Solderable per MIL-STD-202,
Features
Case: Molded plastic body over passivated
Polarity: As marked on body
Mounting position: Any
junctions
Mechanical Data
Plastic package has Underwriters
Laboratory Flammability Classification
Ideal for printed circuit boards
High surge current capability
94V-0
method 208
1.00(25.4)
MIN
.260(6.8)
.180(4.5)
.220(5.6)
.180(4.6)
SPACING
.935(23.7)
.895(22.7)
+
-
AC
.70(17.8)
.66(16.8)
.160(4.1)
.140(3.6)
.185(4.7)
.165(4.2)
.085(2.2)
.065(1.7)
.455(11.3)
.405(10.3)
45
o
.280(7.1)
.260(6.6)
.052(1.3)
.048(1.2)
.760(19.3)
MAX
.165(4.2)
.150(3.8)
CHARACTERISTIC
NOTES : (1) Mounted on P.C.B at 9.5mm lead length with 12 x 12mm copper pads.
(2) Mounted on 75 X 75 x 3.0mm Al. Plate heatsink.
(3) Measured at 1.0 MHz and applied reverse voltage og 4.0 Volts DC.
Typical Thermal Resistance per leg (Note 2)
R JC
3.0
o
C/W
Typical Junction Capacitance (Note 3)
CJ
260
pF
Comchip Technology Corporation Tel: 510-657-8671 Fax: 510-657-8921 www.comchiptech.com
Glass Passivated Bridge Rectifier
KBU8005G-G THRU KBU810G-G (ROHS Device)


Similar Part No. - KBU810G-G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU810G WTE-KBU810G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU810G JGD-KBU810G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBU810G WTE-KBU810G Datasheet
52Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBU810G SECOS-KBU810G Datasheet
894Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
logo
HY ELECTRONIC CORP.
KBU810G HY-KBU810G Datasheet
416Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU810G-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com