Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2402FR Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MR2402FR
Description  24 Amp Fast Recovery Rectifiers 50-1000 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MR2402FR Datasheet(HTML) 4 Page - Micro Commercial Components

  MR2402FR Datasheet HTML 1Page - Micro Commercial Components MR2402FR Datasheet HTML 2Page - Micro Commercial Components MR2402FR Datasheet HTML 3Page - Micro Commercial Components MR2402FR Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
Revision: 4
2006/12/19
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by
Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserves the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold
Micro Commercial Components Corp . and all the companies whose


Similar Part No. - MR2402FR

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MR2402FR CHENYI-MR2402FR Datasheet
118Kb / 3P
   24Amp rectifier 50-1000 volts
logo
Digitron Semiconductors
MR2402FR DIGITRON-MR2402FR Datasheet
120Kb / 4P
   24A FAST RECOVERY RECTIFIER
More results

Similar Description - MR2402FR

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UF4001-DO41 YFWDIODE-UF4001-DO41 Datasheet
294Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volt
logo
SeCoS Halbleitertechnol...
SMF301AM SECOS-SMF301AM Datasheet
193Kb / 2P
   Voltage 50 ~ 1000 V 3.0 Amp Fast Recovery Rectifiers
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
logo
Micro Commercial Compon...
MR2400 MCC-MR2400 Datasheet
99Kb / 3P
   Recovery Rectifier 50 - 1000 Volts 24 Amp
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Sensitron
SHSMG1010 SENSITRON-SHSMG1010 Datasheet
57Kb / 3P
   1000 VOLT 50 AMP IGBT DEVICE
logo
Micro Commercial Compon...
RGP20A MCC-RGP20A Datasheet
83Kb / 3P
   2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
   1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com