Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ1721B25U Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PZ1721B25U
Description  NPN microwave power transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ1721B25U Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PZ1721B25U Datasheet HTML 6Page - NXP Semiconductors PZ1721B25U Datasheet HTML 7Page - NXP Semiconductors PZ1721B25U Datasheet HTML 8Page - NXP Semiconductors PZ1721B25U Datasheet HTML 9Page - NXP Semiconductors PZ1721B25U Datasheet HTML 10Page - NXP Semiconductors PZ1721B25U Datasheet HTML 11Page - NXP Semiconductors PZ1721B25U Datasheet HTML 12Page - NXP Semiconductors PZ1721B25U Datasheet HTML 13Page - NXP Semiconductors PZ1721B25U Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 Feb 19
10
Philips Semiconductors
Product specification
NPN microwave power transistors
PZ1418B30U; PZ1721B25U;
PZ2024B20U
Fig.16 Input impedance as a function of frequency; typical values for PZ2024B20U.
Zo =5 Ω.
handbook, full pagewidth
MGL028
0.2
0.5
1
2
5
0.2
0.5
1
2
5
0
0.2
0.5
1
2
5
10
+ j
j
2 GHz
2.2
2.4
5
10
10
Fig.17 Optimum load impedance as a function of frequency; typical values for PZ2024B20U.
Zo =5 Ω.
handbook, full pagewidth
MGL029
0.2
0.5
1
2
5
0.2
0.5
1
2
5
0
0.2
0.5
1
2
5
10
+ j
j
2.4
2.2
2 GHz
5
10
10


Similar Part No. - PZ1721B25U

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
PZ11 RELPOL-PZ11 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
NXP Semiconductors
PZ1418B15U PHILIPS-PZ1418B15U Datasheet
81Kb / 12P
   NPN microwave power transistor
1997 Feb 19
logo
Pan Jit International I...
PZ15CHEWS PANJIT-PZ15CHEWS Datasheet
100Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
PZ15CHEWS_A0_00001 PANJIT-PZ15CHEWS_A0_00001 Datasheet
100Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
PZ15CHEWS_A0_10001 PANJIT-PZ15CHEWS_A0_10001 Datasheet
100Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - PZ1721B25U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
LBE2003S PHILIPS-LBE2003S Datasheet
126Kb / 16P
   NPN microwave power transistors
1997 Mar 03
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com