Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZ36B Datasheet(PDF) 4 Page - Micro Commercial Components

Part # LLZ36B
Description  500mW Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLZ36B Datasheet(HTML) 4 Page - Micro Commercial Components

  LLZ36B Datasheet HTML 1Page - Micro Commercial Components LLZ36B Datasheet HTML 2Page - Micro Commercial Components LLZ36B Datasheet HTML 3Page - Micro Commercial Components LLZ36B Datasheet HTML 4Page - Micro Commercial Components LLZ36B Datasheet HTML 5Page - Micro Commercial Components LLZ36B Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.mccsemi.com
Revision: 1
2005/12/22
LLZ2V4-LLZ56
TM
Micro Commercial Components
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
LLZ39
LLZ39A
-----
34.68
36.47
85
250
5
0.5
0.04
32.9
LLZ39B
-----
35.36
37.19
85
250
5
0.5
0.04
33.6
LLZ39C
-----
36
37.85
85
250
5
0.5
0.04
34.2
LLZ39D
-----
36.63
38.52
85
250
5
0.5
0.04
34.8
LLZ39E
-----
37.36
39.29
85
250
5
0.5
0.04
35.5
LLZ39F
-----
38.14
40.11
85
250
5
0.5
0.04
36.2
LLZ39G
-----
38.94
40.8
85
250
5
0.5
0.04
37
LLZ43
LLZ43
---
40
45
90
-
5
-
0.04
38
LLZ47
LLZ47
---
44
49
90
-
5
-
0.04
41.8
LLZ51
LLZ51
---
48
54
100
-
5
-
0.04
45.6
LLZ56
LLZ56
---
53
60
100
-
5
-
0.04
50.4
Part-
number-
group
Part-
number
Marking
Code
Zener Voltage
Dynamic Resistance
Test Current
Reverse Leakage
Current
VZ @ IZT
ZZ @ IZT
ZZK @ IZK
IZT
IZK
IR
@ VR
V
V
mA
mA
µA
V
min
max
max
max
max
Fig. 1 Total Power Dissipation vs. Ambient Temperature
Fig. 2 Typical Change of Working Voltage under Operating
Conditions at Tamb=25°C
0
40
80
120
160
0
100
300
400
500
600
Tamb– Ambient Temperature(°C )
200
200
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage(V)
25
IZ=5mA
Tj=25°C
Fig. 3 Typical Change of Working Voltage vs. Junction
Temperature
Fig. 4 Temperature Coefficient of Vz vs. Z-Voltage
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature (°C )
240
VZtn=VZt/VZ(25°C)
TKVZ=10 x 10–4/K
8x 10–4/K
–4 x 10–4/K
6x 10–4/K
4x 10–4/K
2x 10–4/K
–2 x 10–4/K
0
010
20
30
–5
0
5
10
15
VZ – Z-Voltage(V)
50
40
IZ=5mA
MCC


Similar Part No. - LLZ36B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ36 TSC-LLZ36 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ36 TSC-LLZ36 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ36 MCC-LLZ36 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ36V TSC-LLZ36V Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ36V YEASHIN-LLZ36V Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - LLZ36B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com