|
| CZRT55C2V4-G |
|
||
|
COMCHIP |
|
3 page
Page3 Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com CZRT55C2V4-G thru CZRT55C39-G Surface Mount Zener Diodes “-G” suffix designated RoHS compliant version Rating and Characteristic Curves TYPICAL REVERSE CURRENT NOMINAL ZENER VOLTAGE, Volts -1 0 1 2 3 4 5 6 7 8 12 11 10 9 8 7 6 5 4 3 2 -2 -3 100 10 1 1000 100 10 1 IZ =1mA 5mA 20 mA NORMAL ZENER VOLTAGE, Volts TJ=25 C O IZ(AC)=0.1I F=1 kHZ Z(DC) TYPICAL FORW ARD VOL TAGE FORWARD VOLTAGE, Volts 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 C O 5C O 25 C O 150 C O 100 1000 100 10 1 10 1 BIAS AT 50% OF VZ NOM 0 V BIAS 1 V BIAS NOMINAL ZENER VOLTAGE, Volts T =25 C A o 100 10 1 NOMINAL ZENER VOLTAGE, Volts 10 100 TEMPERATURE ( C) o 1.2 1.0 0.8 0.6 0.4 0.2 0 150 125 100 75 50 25 PDV.S.TA 155 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3SMAJ5913B | 3.0 Watt Surface Mount Silicon Zener Diodes | 1 2 3 4 | Micro Commercial Components |
| CZRT5221-G | Surface Mount Zener Diodes | 1 2 3 4 | Comchip Technology |
| MADP-008120-12790T | Surface Mount Plastic PIN Diodes | 1 2 3 4 | Tyco Electronics |
| BZX84C2V4LT1_05 | Zener Voltage Regulators 225 mW SOT-23 Surface Mount | 1 2 3 4 5 More | ON Semiconductor |
| MMSZ4702 | Half watt General purpose Medium Current Surface Mount Zener | 1 2 3 | Fairchild Semiconductor |
| MMSZ5221B_1 | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| BZX84C2V4W_1 | 200mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| DDZ5V1BS | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| SMS1546 | Surface Mount Mixer and Detector Schottky Diodes | 1 2 3 | Alpha Industries |
| MMBZ5221B_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |