Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE22A Datasheet(PDF) 2 Page - Comchip Technology

Part # P4KE22A
Description  400W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE22A Datasheet(HTML) 2 Page - Comchip Technology

  P4KE22A Datasheet HTML 1Page - Comchip Technology P4KE22A Datasheet HTML 2Page - Comchip Technology P4KE22A Datasheet HTML 3Page - Comchip Technology P4KE22A Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V
WM
V
BR Min.
V
BR Max.
I
T
I
FSM
( V )
( V )
( V )
( mA ) (A)@8.3mS
( V )
IPPM(A)
UNI
BI
P4KE6.8(c)
5.50
6.12
7.48
10
40
10.8
38.0
1000
2000
P4KE6.8(c)A
5.80
6.45
7.14
10
40
10.5
40.0
1000
2000
P4KE7.5(c)
6.05
6.75
8.25
10
40
11.7
36.0
500
1000
P4KE7.5(c)A
6.40
7.13
7.88
10
40
11.3
37.0
500
1000
P4KE8.2(c)
6.63
7.38
9.02
10
40
12.5
33.0
200
400
P4KE8.2(c)A
7.02
7.79
8.61
10
40
12.1
35.0
200
400
P4KE9.1(c)
7.37
8.19
10.00
1
40
13.8
30.0
50
100
P4KE9.1(c)A
7.78
8.65
9.55
1
40
13.4
31.0
50
100
P4KE10(c)
8.10
9.00
11.0
1
40
15.0
28.0
10
20
P4KE10(c)A
8.55
9.50
10.5
1
40
14.5
29.0
10
20
P4KE11(c)
8.92
9.90
12.1
1
40
16.2
26.0
5
10
P4KE11(c)A
9.40
10.5
11.6
1
40
15.6
27.0
5
10
P4KE12(c)
9.72
10.8
13.2
1
40
17.3
24.0
5
5
P4KE12(c)A
10.2
11.4
12.6
1
40
16.7
25.0
5
5
P4KE13(c)
10.5
11.7
14.3
1
40
19.0
22.0
5
5
P4KE13(c)A
11.1
12.4
13.7
1
40
18.2
23.0
5
5
P4KE15(c)
12.1
13.5
16.5
1
40
22.0
19.0
5
5
P4KE15(c)A
12.8
14.3
15.8
1
40
21.2
20.0
5
5
P4KE16(c)
12.9
14.4
17.6
1
40
23.5
18.0
5
5
P4KE16(c)A
13.6
15.2
16.8
1
40
22.5
19.0
5
5
P4KE18(c)
14.5
16.2
19.8
1
40
26.5
16.0
5
5
P4KE18(c)A
15.3
17.1
18.9
1
40
25.5
17.0
5
5
P4KE20(c)
16.2
18.0
22.0
1
40
29.1
14.0
5
5
P4KE20(c)A
17.1
19.0
21.0
1
40
27.7
15.0
5
5
P4KE22(c)
17.8
19.8
24.2
1
40
31.9
13.0
5
5
P4KE22(c)A
18.8
20.9
23.1
1
40
30.6
14.0
5
5
P4KE24(c)
19.4
21.6
26.4
1
40
34.7
12.0
5
5
P4KE24(c)A
20.5
22.8
25.2
1
40
33.2
13.0
5
5
P4KE27(c)
21.8
24.3
29.7
1
40
39.1
11.0
5
5
P4KE27(c)A
23.1
25.7
28.4
1
40
37.5
11.2
5
5
P4KE30(c)
24.3
27.0
33.0
1
40
43.5
10.0
5
5
P4KE30(c)A
25.6
28.5
31.5
1
40
41.4
10.0
5
5
P4KE33(c)
26.8
29.7
36.3
1
40
17.7
9.0
5
5
P4KE33(c)A
28.2
31.4
34.7
1
40
45.7
9.0
5
5
P4KE36(c)
29.1
32.4
39.6
1
40
52.0
8.0
5
5
P4KE36(c)A
30.8
34.2
37.8
1
40
49.9
8.4
5
5
P4KE39(c)
31.6
35.1
42.9
1
40
56.4
7.4
5
5
P4KE39(c)A
33.3
37.1
41.0
1
40
53.9
7.8
5
5
P4KE43(c)
34.8
38.7
47.3
1
40
61.9
6.8
5
5
P4KE43(c)A
36.8
40.9
45.2
1
40
59.3
7.1
5
5
P4KE47(c)
38.1
42.3
51.7
1
40
67.8
6.2
5
5
P4KE47(c)A
40.2
44.7
49.4
1
40
64.8
6.5
5
5
P4KE51(c)
41.3
45.9
56.1
1
40
73.5
5.7
5
5
P4KE51(c)A
43.6
48.5
53.6
1
40
70.1
6.0
5
5
P4KE56(c)
45.4
50.4
61.6
1
40
80.5
5.2
5
5
Part No.
Absolute Maximum Rating (Ta=25
OC)
Electrical Characteristics (Ta=25
OC)
Max. Vc @IPPM
Max. ID(uA) @VWM


Similar Part No. - P4KE22A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE22A DIOTECH-P4KE22A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE22A RFE-P4KE22A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Pan Jit International I...
P4KE22A PANJIT-P4KE22A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE22A TSC-P4KE22A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Leshan Radio Company
P4KE22A LRC-P4KE22A Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P4KE22A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com