Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196T0157K206 Datasheet(PDF) 5 Page - Kemet Corporation

Part # B45196T0157K206
Description  Tantalum chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45196T0157K206 Datasheet(HTML) 5 Page - Kemet Corporation

  B45196T0157K206 Datasheet HTML 1Page - Kemet Corporation B45196T0157K206 Datasheet HTML 2Page - Kemet Corporation B45196T0157K206 Datasheet HTML 3Page - Kemet Corporation B45196T0157K206 Datasheet HTML 4Page - Kemet Corporation B45196T0157K206 Datasheet HTML 5Page - Kemet Corporation B45196T0157K206 Datasheet HTML 6Page - Kemet Corporation B45196T0157K206 Datasheet HTML 7Page - Kemet Corporation B45196T0157K206 Datasheet HTML 8Page - Kemet Corporation B45196T0157K206 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Specifications and characteristics in brief
Series
Performance,
High Temperature 175
°C
Ordering code
B45196T
B45198T
Technology
Ta-MnO2
Ta-MnO2
Terminals
Tinned
Gold-plated
Rated voltage
(up to 85
°C)
(up to 125
°C)
(up to 150
°C)
(up to 175
°C)
VR
6.3 ... 35
4.0 ... 23
3.2 ... 17.5
2.1 ... 11.7
VDC
Rated capacitance
(20
°C, 120 Hz)
CR
0.15 ... 150
µF
Capacitance tolerance
±20%, ±10%
Maximum impedance
(20
°C, 100 kHz)
Zmax
0.5 ... 23
Operating temperature range
Top
55 ... +175
°C
Failure rate
(1 fit = 1 10-9 failures/h)
CR VR
≤ 330 µF V
CR VR > 330
µF V
(at 40
°C; ≤ V
R,
RS
≥ 3 Ω/V)
≤0.8
≤2.5
fit
Service life
>500000
h
Leakage current
(VR, 5 min, 20
°C)
Ileak
10
nA/
µC
Detail specification
CECC 30801-801/-802
Climatic category
(to IEC 60068-1)
( 55
°C/+125 °C/56
days damp heat
test)
55/125/56
Maximum working voltage at 175
°C: 0.33 V
R (Maximum 500 h).
Details for this operating condition must be agreed upon between supplier and customer.
For high temperature types, individual tests are carried out under more extreme conditions,
supplementary to the tests specified by CECC.
Tantalum chip capacitors
B45196T, B45198T
Performance, High Temperature 175
°C
Page 5 of 13
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45196T0157K206

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196T KEMET-B45196T Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196T KEMET-B45196T Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196T KEMET-B45196T Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45196T0157K206

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com