Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZM3.6NB2A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PZM3.6NB2A
Description  Voltage regulator double diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM3.6NB2A Datasheet(HTML) 5 Page - NXP Semiconductors

  PZM3.6NB2A Datasheet HTML 1Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 2Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 3Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 4Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 5Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 6Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 7Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 8Page - NXP Semiconductors PZM3.6NB2A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Jun 11
5
Philips Semiconductors
Product specification
Voltage regulator double diodes
PZM-NA series
Table 1
Per type; PZM2.4N to PZM24N
Tj =25 °C unless otherwise specified.
PZM
-XXX
WORKING
VOLTAGE VZ (V)
at IZ = 5 mA;
tm = 40 ms;
Tamb =25 °C
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP.
COEFF.
SZ (mV/K)
at
IZ =5mA
DIODE
CAP.
Cd (pF)
at
f = 1 MHz;
VR =0
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs
IZ = 1 mA
IZ =5mA
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
2.4NBA
2.30
2.60
275
400
70
100
−1.6
450
8.00
2.7NB2A
2.65
2.90
300
450
75
100
−2.0
440
8.00
3.0NB2A
2.95
3.20
325
500
80
95
−2.1
425
8.00
3.3NB2A
3.25
3.50
350
500
85
95
−2.4
410
8.00
3.6NB2A
3.55
3.80
375
500
85
90
−2.4
390
8.00
3.9NB2A
3.87
4.10
400
500
85
90
−2.5
370
8.00
4.3NB2A
4.15
4.34
410
600
80
90
−2.5
350
8.00
4.7NB2A
4.55
4.75
425
500
50
80
−1.4
325
8.00
5.1NB2A
4.98
5.20
400
480
40
60
−0.8
300
8.00
5.6NB2A
5.49
5.73
80
400
15
40
1.2
275
8.00
6.2NB2A
6.06
6.33
40
150
6
10
2.3
250
8.00
6.8NB2A
6.65
6.93
30
80
6
15
3.0
215
8.00
7.5NB2A
7.28
7.60
15
80
2
10
4.0
170
3.50
8.2NB2A
8.02
8.36
20
80
2
10
4.6
150
3.50
9.1NB2A
8.85
9.23
20
100
2
10
5.5
120
3.50
10NB2A
9.77
10.21
20
150
2
10
6.4
110
3.50
11NB2A
10.76
11.22
25
150
2
10
7.4
110
3.00
12NB2A
11.74
12.24
25
150
2
10
8.4
105
3.00
13NB2A
12.91
13.49
25
170
2
10
9.4
105
2.50
15NB2A
14.34
14.98
25
200
3
15
11.4
100
2.00


Similar Part No. - PZM3.6NB2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM3.6NB2 PHILIPS-PZM3.6NB2 Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
More results

Similar Description - PZM3.6NB2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB784 PHILIPS-BZB784 Datasheet
63Kb / 8P
   Voltage regulator double diodes
2001 Feb 27
logo
Unisonic Technologies
AZ23C UTC-AZ23C Datasheet
125Kb / 3P
   VOLTAGE REGULATOR DOUBLE DIODES
logo
NXP Semiconductors
BZB984 PHILIPS-BZB984 Datasheet
57Kb / 12P
   Voltage regulator double diodes
2002 Jun 21
logo
Nexperia B.V. All right...
BZB984_SER NEXPERIA-BZB984_SER Datasheet
275Kb / 10P
   Voltage regulator double diodes
Rev. 3 - 27 December 2022
BZB784_SERIES NEXPERIA-BZB784_SERIES Datasheet
192Kb / 9P
   Voltage regulator double diodes
2001 Feb 27
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
   Low-voltage avalanche regulator double diodes
1999 May 10
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com