Electronic Components Datasheet Search |
|
B45198T1157K206 Datasheet(PDF) 8 Page - Kemet Corporation |
|
B45198T1157K206 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 13 page Technical data and ordering codes CR (20 °C, 120 Hz) µF Case size DFmax (20 °C, 120 Hz) % Ileak,max (20 °C, V R, 5 min) µA Zmax (20 °C, 100 kHz) Ω Ordering code q Preliminary Data * = Code number for reel diameter + = Capacitance tolerance 6 = 330-mm reel 9 = 180-mm reel M = ±20% K = ±10% VR,85 = 6.3 VDC, VR,125 = 4.0 VDC, VR,150 = 3.2 VDC, VR,175 = 2.1 VDC 2.2 A 4.5 0.5 6.5 B45196T1225+10* 3.3 A 4.5 0.5 4.6 B45196T1335+10* 4.7 A 4.5 0.5 3.6 B45196T1475+10* 6.8 A 4.5 0.5 2.9 B45196T1685+10* 6.8 B 4.5 0.5 2.7 B45196T1685+20* 10 B 4.5 0.6 2.1 B45196T1106+20* 15 B 4.5 0.9 1.8 B45196T1156+20* 15 C 4.5 0.9 1.7 B45196T1156+30* 22 B 4.5 1.4 1.5 B45196T1226+20* 22 C 4.5 1.4 1.3 B45196T1226+30* 33 B 4.5 2.1 1.3 B45196T1336+20* 33 C 4.5 2.1 1.1 B45196T1336+30* 47 C 4.5 3.0 0.8 B45196T1476+30* 47 D 4.5 3.0 0.8 B45196T1476+40* 68 C 6.0 4.3 0.8 B45196T1686+30* 68 D 4.5 4.3 0.6 B45196T1686+40* 100 D 4.5 6.3 0.6 B45196T1107+40* 150 D 4.5 9.5 0.5 B45196T1157+40* q VR,85 = 10 VDC, VR,125 = 6.3 VDC, VR,150 = 5.0 VDC, VR,175 = 3.3 VDC 1.5 A 4.5 0.5 6.5 B45196T2155+10* 2.2 A 4.5 0.5 4.6 B45196T2225+10* 3.3 A 4.5 0.5 3.6 B45196T2335+10* 4.7 A 4.5 0.5 2.9 B45196T2475+10* 4.7 B 4.5 0.5 2.7 B45196T2475+20* 6.8 A 4.5 0.7 2.0 B45196T2685+10* 6.8 B 4.5 0.7 2.1 B45196T2685+20* 10 B 4.5 1.0 1.8 B45196T2106+20* 10 C 4.5 1.0 1.7 B45196T2106+30* 15 B 4.5 1.5 1.5 B45196T2156+20* 15 C 4.5 1.5 1.4 B45196T2156+30* 22 C 4.5 2.2 1.1 B45196T2226+30* 33 C 4.5 3.3 0.9 B45196T2336+30* Tantalum chip capacitors B45196T, B45198T Performance, High Temperature 175 °C Page 8 of 13 Please read Important notes and Cautions and warnings at the end of this document. |
Similar Part No. - B45198T1157K206 |
|
Similar Description - B45198T1157K206 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |