Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45197A7157K106 Datasheet(PDF) 3 Page - Kemet Corporation

Part # B45197A7157K106
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45197A7157K106 Datasheet(HTML) 3 Page - Kemet Corporation

  B45197A7157K106 Datasheet HTML 1Page - Kemet Corporation B45197A7157K106 Datasheet HTML 2Page - Kemet Corporation B45197A7157K106 Datasheet HTML 3Page - Kemet Corporation B45197A7157K106 Datasheet HTML 4Page - Kemet Corporation B45197A7157K106 Datasheet HTML 5Page - Kemet Corporation B45197A7157K106 Datasheet HTML 6Page - Kemet Corporation B45197A7157K106 Datasheet HTML 7Page - Kemet Corporation B45197A7157K106 Datasheet HTML 8Page - Kemet Corporation B45197A7157K106 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Dimensional drawing
ΠEncapsulation: molded epoxy resin
 NiFe; tinned surface Sn100 or gold-plated
Ž Reduced slot length for case size A
Dimensions
Case size
Dimensions in mm (inches)
KEMET EIA/IECQ
L
W
H
L2 typ. W2
±0.1
H2 typ. P
±0.3
±(.004)
±(.012)
A
3216-18
3.2
±0.2
1.6
±0.2
1.6
±0.2
3.2
1.2
1.3
0.8
(.126
±0.008)
(.063
±0.008)
(.063
±0.008)
(.126) (.047)
(.051) (.031)
B
3528-21
3.5
±0.2
2.8
±0.2
1.9
±0.2
3.5
2.2
1.4
0.7
(.138
±0.008)
(.110
±0.008)
(.075
±0.008)
(.138) (.087)
(.055) (.027)
C
6032-28
6.0
±0.3
3.2
±0.3
2.5
±0.3
6.1
2.2
1.8
1.3
(.236
±0.012)
(.126
±0.012)
(.098
±0.012)
(.240) (.087)
(.071) (.051)
D
7343-31
7.3
±0.3
4.3
±0.3
2.8
±0.3
7.3
2.4
1.8
1.3
(.287
±0.012)
(.169
±0.012)
(.110
±0.012)
(.287) (.094)
(.071) (.051)
E
7343-44
7.3
±0.3
4.3
±0.3
4.1
±0.3
7.3
2.4
1.8
1.3
(.287
±0.012)
(.169
±0.012)
(.161
±0.012)
(.287) (.094)
(.071) (.051)
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 3 of 26
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45197A7157K106

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45197A KEMET-B45197A Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A2477K509 KEMET-B45197A2477K509 Datasheet
38Kb / 1P
   Capacitor, tantalum, 470 uF, 10per Tol, 10V 85C, E
B45197A3227K509 KEMET-B45197A3227K509 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
More results

Similar Description - B45197A7157K106

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com